Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCLVP2102RGTR Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCLVP2102RGTR
Description  CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2102RGTR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCLVP2102RGTR Datasheet HTML 17Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 18Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 19Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 20Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 21Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 22Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 23Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 24Page - Texas Instruments CDCLVP2102RGTR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
1,6mm(min)
0,5mm(typ)
0,33mm(typ)
CDCLVP2102
www.ti.com
SCAS881C – AUGUST 2009 – REVISED JANUARY 2016
11 Layout
11.1 Layout Guidelines
Power consumption of the CDCLVP2102 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature must be limited to a maximum of 125°C. That is, as an
estimate, ambient temperature (TA) plus device power consumption times RθJA must not exceed 125°C.
The device package has an exposed pad that provides the primary heat removal path to the printed circuit board
(PCB). To maximize the heat dissipation from the package, a thermal landing pattern including multiple vias to a
ground plane must be incorporated into the PCB within the footprint of the package. The exposed pad must be
soldered down to ensure adequate heat conduction out of the package. Figure 24 shows a recommended land
and via pattern.
11.2 Layout Example
Figure 24. Recommended PCB Layout
11.3 Thermal Considerations
The CDCLVP2102 supports high temperatures on the printed circuit board (PCB) measured at the thermal pad.
The system designer must ensure that the maximum junction temperature is not exceeded.
ΨJB can allow the
system designer to measure the board temperature with a fine gauge thermocouple and back calculate the
junction temperature using Equation 1. Note that
Ψjb is close to RθJB because 75 to 95% of the heat of a device
is dissipated by the PCB. Further information can be found at SPRA953 and SLUA566.
Tjunction = TPCB + (ΨJB × Power)
(1)
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TPCB = 105°C
ΨJB = 19°C/W
PowerinclTerm = Imax × Vmax = 189 mA × 3.6 V = 680 mW (maximum power consumption including
termination resistors)
PowerexclTerm = 529 mW (maximum power consumption excluding termination resistors, see SLYT127 for
further details)
ΔTjunction = ΨJB × PowerexclTerm = 19°C/W × 529 mW = 10.06°C
Tjunction = ΔTjunction + TChassis = 10.06°C + 105°C = 115°C (the maximum junction temperature of 125°C is
not violated)
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com