Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TR3-2/10R Datasheet(PDF) 2 Page - Mersen

Part # TR3-2/10R
Description  Time Delay/Class RK5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

TR3-2/10R Datasheet(HTML) 2 Page - Mersen

  TR3-2/10R Datasheet HTML 1Page - Mersen TR3-2/10R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
PF 13
UL/CSA LISTED
POWER FUSES
P
F
C ATAL OG NUMBERS (AMPS)
DIMENSIONS
Note: Optional blown fuse visual indication available. To order, place “ID” at the end of the catalog number. Example: #TRS30RID
* Not available with optional blow fuse indicator.
Tin plated end caps are available on Non-ID fuses less than 60A. Example Part # TRP30R, TRSP30R
REC OMMENDED
FUSE BL OCK S WITH
B O X C ONNECT ORS F OR
TRI-ONIC® CLA S S RK5 FUSES
Fuse
Ampere
Rating
Catalog Number
250V
600V
1-Pole
3 -Pole
1-Pole
3-Pole
0-30
20306R
20308R
60306R
60308R
31-60
20606R
20608R
60606R
60608R
61-100
21036R
21038R
61036R
61038R
101-200
22001R
22003R
62001R
62003R
201-400
24001R
24003R
64001R
64003R
401-600
2631R
2633R
6631R
6633R
Ampere Rating
A
B
C
D
E
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
250V-TR Fuses
0-30
2
51
9/16
14
-
-
-
-
-
-
31-60
3
76
13/16
21
-
-
-
-
-
-
61-100
5-7/8
149
1-1/16
27
1/8
3
3/4
19
1
25
101-200
7-1/8
181
1-9/16
40
3/16
5
1-1/8
28
1-3/8
35
201-400
8-5/8
219
2-1/16
53
1/4
6
1-5/8
41
1-7/8
48
401-600
10-3/8
264
2-9/16
66
1/4
6
2
51
2-1/4
57
600V-TRS Fuses
0-30
5
127
13/16
21
-
-
-
-
-
-
31-60
5-1/2
139
1-1/16
27
-
-
-
-
-
-
61-100
7-7/8
200
1-5/16
34
1/8
3
3/4
19
1
25
101-200
9-5/8
244
1-13/16
46
3/16
5
1-1/8
28
1-3/8
35
201-400
11-5/8
295
2-9/16
66
1/4
6
1-5/8
41
1-7/8
48
401-600
13-3/8
340
3-1/8
80
1/4
6
2
51
2-1/4
57
250V
600V
TR1/10R*
TR3-1/2R*
TR50R
TRS1/10R*
TRS3-1/2R*
TRS50R
TR15/100R*
TR4R*
TR60R
TRS15/100R* TRS4R*
TRS60R
TR2/10R*
TR4-1/2R*
TR70R
TRS2/10R*
TRS4-1/2R*
TRS70R
TR3/10R*
TR5R*
TR75R*
TRS3/10R*
TRS5R*
TRS75R*
TR4/10R*
TR5-6/10R*
TR80R
TRS4/10R*
TRS5-6/10R*
TRS80R
TR1/2R*
TR6R*
TR90R
TRS1/2R*
TRS6R*
TRS90R
TR6/10R*
TR6-1/4R*
TR100R
TRS6/10R*
TRS6-1/4R*
TRS100R
TR8/10R*
TR7R*
TR110R
TRS8/10R*
TRS7R*
TRS110R
TR1R*
TR8R
TR125R
TRS1R*
TRS8R
TRS125R
TR1-1/8R*
TR9R
TR150R
TRS1-1/8R*
TRS9R
TRS150R
TR1-1/4R*
TR10R
TR175R
TRS1-1/4R*
TRS10R
TRS175R
TR1-4/10R*
TR12R
TR200R
TRS1-4/10R*
TRS12R
TRS200R
TR1-6/10R*
TR15R
TR225R
TRS1-6/10R*
TRS15R
TRS225R
TR1-8/10R*
TR17-1/2R
TR250R
TRS1-8/10R*
TRS17-1/2R
TRS250R
TR2R*
TR20R
TR300R
TRS2R*
TRS20R
TRS300R
TR2-1/4R*
TR25R
TR350R
TRS2-1/4R*
TRS25R
TRS350R
TR2-1/2R*
TR30R
TR400R
TRS2-1/2R*
TRS30R
TRS400R
TR2-8/10R*
TR35R
TR450R
TRS2-8/10R*
TRS35R
TRS450R
TR3R*
TR40R
TR500R
TRS3R*
TRS40R
TRS500R
TR3-2/10R*
TR45R
TR600R
TRS3-2/10R*
TRS45R
TRS600R
0-60A
61-600A
A variety of pole configurations and termination
provisions are available. Refer to Section FB for details.
CLA S S RK5
TR-R & TRS-R Time Delay



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com