Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLP270M-TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # CLP270M-TR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M-TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button CLP270M-TR Datasheet HTML 16Page - STMicroelectronics CLP270M-TR Datasheet HTML 17Page - STMicroelectronics CLP270M-TR Datasheet HTML 18Page - STMicroelectronics CLP270M-TR Datasheet HTML 19Page - STMicroelectronics CLP270M-TR Datasheet HTML 20Page - STMicroelectronics CLP270M-TR Datasheet HTML 21Page - STMicroelectronics CLP270M-TR Datasheet HTML 22Page - STMicroelectronics CLP270M-TR Datasheet HTML 23Page - STMicroelectronics CLP270M-TR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
CLP270M
23/24
PACKAGE MECHANICAL DATA
E2
E
1
10
5
6
H
eB
0.25 M
D
h
A
F
A1
E4
E3 E1
SEATING
PLANE
SEATING
PLANE
A
B
C
Q
DETAIL "A"
0.10 A B
L
A1
a
DETAIL "A"
D1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max.
Min.
Typ.
Max.
A
3.35
3.65
0.131
0.143
A1
0.00
0.10
0.00
0.0039
B
0.40
0.60 0.0157
0.0236
C
0.35
0.55 0.0137
0.0217
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.299
E
9.30
9.50
0.366
0.374
E1
7.20
7.40
0.283
0.291
E2
7.20
7.60
0.283
0.299
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max.
Min.
Typ.
Max.
E3
6.10
6.35
0.240
0.250
E4
5.90
6.10
0.232
0.240
e
1.27
0.05
F
1.25
1.35 0.0492
0.0531
H
13.8
0
14.4
0
0.543
0.567
h
0.50
0.019
L
1.20
1.80 0.0472
0.0708
Q
1.70
0.067
Package
Type
Marking
Packing
Base Quantity
PowerSO-10
TM
CLP270M
CLP270M
Tube
50
Tape and reel
60
MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com