Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9935 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical specifications
L9935
8/29
Doc ID 5198 Rev 10
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
Note: ESD for all pins, except pins SDO, SRA and SRB, are according to MIL883C, tested at
2kV, corresponding to a maximum energy dissipation of 0.2mJ. SDO, SRA and SRB pins
are tested with 800V.
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 35
V
VSPulsed
Pulsed supply voltage T < 400 ms
-0.3 to 40
V
VOUT (Ai/Bi)
Output voltages
internally clamped to VS
or GND depending on the
current direction
IOUT (Ai/Bi)
DC output currents
Peak output currents (T/tp
10)
1.2
2.5
A
A
VSRA/SRB
Sense resistor voltages
-0.3 to 6.2
V
VCC
Logic supply voltages
-0.3 to 6.2
V
VCDRV
Charge pump buffer voltage versus VS
-0.3 to 10
V
VSCK, VSDI,
VCSN, VEN
Logic input voltages
-2 to 8
V
VOSC, VSDO
Oscillator voltage range, logic output
-0.3 to VCC+0.3
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Typical thermal resistance junction-to-case
5
°C/W
Rthj-amb
Typical thermal resistance junction-to-ambient (6 cm2
ground plane 35 µm thickness)
35
°C/W
Rthj-amb, FR4
Typical thermal resistance junction to ambient (soldered on a
FR 4 board with through holes for heat transfer and external
heat sink applied)
8°C/W
TS
Storage temperature
-40 to 150
°C
TSD
Typical thermal shut-down temperature
180
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com