Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9942 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 4Page - STMicroelectronics L9942 Datasheet HTML 5Page - STMicroelectronics L9942 Datasheet HTML 6Page - STMicroelectronics L9942 Datasheet HTML 7Page - STMicroelectronics L9942 Datasheet HTML 8Page - STMicroelectronics L9942 Datasheet HTML 9Page - STMicroelectronics L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Block diagram and pin information
L9942
8/40
Doc ID 11778 Rev 7
20
RREF
Reference Resistor The reference resistor is used to generate a
temperature stable reference current used for current control and internal
oscillator. At this output a voltage of about 1.28V is present. The resistor
should be chosen that a current of about 200uA will flow through the
resistor.
21
EN
Enable input: The input requires CMOS logic levels. The EN input has a
pull-down resistor. In standby-mode outputs will be switched off and all
registers will be cleared. If EN is set to a logic high level then the device will
enter the active mode.
Table 2.
Pin description (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com