Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9959 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 21Page - STMicroelectronics L9959 Datasheet HTML 22Page - STMicroelectronics L9959 Datasheet HTML 23Page - STMicroelectronics L9959 Datasheet HTML 24Page - STMicroelectronics L9959 Datasheet HTML 25Page - STMicroelectronics L9959 Datasheet HTML 26Page - STMicroelectronics L9959 Datasheet HTML 27Page - STMicroelectronics L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DocID027540 Rev 3
25/49
L9959
Application information
48
Figure 13. DIR-change current flow phase 2
Figure 14. DIR-change output voltage
4.2
Protection and monitoring
A set of failure as Short-circuit to Ground (SCG), Short-circuit to battery (SCB) and Short-
circuit to load (SCL) errors (SBC, SCG, SCL) are confirmed after their occurrence by
accessing the error condition after time tdelay_retest a second time. Only after the error is
confirmed, it is entered into the diagnosis register 1 (DIA_REG1), and the device is disabled
and no further diagnosis is run.
The device can be enabled again by the following actions: Power-on reset, disabling and
enabling the device using the pins /ABE or DIS (e.g. disabling - enabling sequence). The
diagnosis registers can be cleared by sending a reset command by SPI (STATCON_REG)
to either diagnosis register 1 (DIA_REG1) or 2 (DIA_REG2). The bit1 (Reset) of the
CONFIG_REG if forced to zero resets both the device registers configuration and diagnosis
registers to default but is not able to restart the device. In order to restart IC it is necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com