Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9969U Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 10Page - STMicroelectronics L9969U Datasheet HTML 11Page - STMicroelectronics L9969U Datasheet HTML 12Page - STMicroelectronics L9969U Datasheet HTML 13Page - STMicroelectronics L9969U Datasheet HTML 14Page - STMicroelectronics L9969U Datasheet HTML 15Page - STMicroelectronics L9969U Datasheet HTML 16Page - STMicroelectronics L9969U Datasheet HTML 17Page - STMicroelectronics L9969U Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Figure 7. VDD Monitoring and dependencies
VDD_max
VDD_THH
VDD
VDD_THL
VDD_POR
NABE
Outputs on
off
high
low
tPOR
tFIL_ON
tFIL_OFF
power on reset
switched OFF
t
2.6.2.2
VDD undervoltage
If the voltage between pins VDD and GNDABE is below the lower VDD-monitoring threshold (VDD_THL), the output
stages are switched off after a filtering time (tFIL_OFF) and an active low signal is generated at the bi-directional
pin NABE. After a transition from an undervoltage to a regular voltage between pins VDD and GNDABE, the signal
at pin NABE is (automatically) set high again once the filtering time (tFIL_ON) has expired. Writing new information
to configuration registers is possible.
If VDD falls below the power-on-reset supply voltage (VDD_RES) all stages are switched off and NABE is switched
active low. When VDD is rising above the power-on-reset supply voltage threshold (VDD_POR), the ASIC will
remain in POR until a time tPOR is run out, then all registers will be reset to their respective default state (all
registers cleared to default).
2.6.2.3
VDD overvoltage
If the voltage between pins VDD and GNDABE is above the upper VDD- monitoring threshold (VDD_THH), all output
stages are switched off after a filtering time (tFIL_OFF) and an active low signal is generated at the bi-directional
pin NABE.
After a transition from an overvoltage to a regular voltage between pins VDD and GNDABE, the behavior of the
NABE level and the output stages depend on the configuration of the bit CONFIG0 of STATCON_REG:
•
1: NABE is latched and the outputs remain off. A return to normal operation is only possible with power-on
reset or by changing the bit STATCON_REG.CONFIG0 via SPI → 0.
•
0: NABE is inactive after VDD returned to its regular operating voltage and the filtering time has expired.
The power stages are enabled again automatically. Writing new information to configure registers is
possible.
L9969x
Electrical specifications
DS14029 - Rev 6
page 14/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com