Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D30Q100FTR Datasheet(PDF) 90 Page - STMicroelectronics

Part # VN9D30Q100FTR
Description  6-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D30Q100FTR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VN9D30Q100FTR Datasheet HTML 86Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 87Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 88Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 89Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 90Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 91Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 92Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 93Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
Revision history
Table 73. Document revision history
Date
Version
Changes
07-Feb-2020
1
Initial release.
14-Feb-2020
2
Updated Pin functionality description.
22-Dec-2020
3
Added:
•
Product summary table in Cover Page;
•
Section 11.1 QFN 6x6 thermal data..
Updated:
•
Table 23. RAM memory map;
•
Table 37. OTP memory map (reserved);
•
Section 5.1.2 ADC operating principle;
•
Table 38. Status registers;
•
Section 5.1.4.3 Asynchronous mode;
•
Section 5.2 Integrated LP (Progressive Average) Filter;
•
Table 44. Absolute maximum ratings;
•
Table 45. Thermal data;
•
Tables in Section 7.3 SPI electrical characteristics;
•
Table 49. Power section;
•
Table 51. Protection;
•
Tables in Section 7.6 BULB mode;
•
Tables and Figure in Section 7.7 LED mode;
•
Table and Figure in Section 9 Application schematics.
Minor text changes in:
•
Section 4.6.7 OUTSRx;
•
Section 8 ISO Pulse.
Deleted "Reserved" registers in Section 4.6 Control registers.
21-May-2021
4
Updated VN9D30Q100F package silhouette.
Updated note in Figure 2. Connection diagram (top view).
Updated Table 44. Absolute maximum ratings.
Updated Table 55. BULB - switching (VCC = 13 V; Normal switch mode), Table 57. BULB -
Digital current sense (7 V < VCC < 18 V, channel 0,5; TJ = -40 °C to 150 °C) and Table 58.
BULB - Digital current sense (7 V < VCC < 18 V, channel 1,2,3,4; TJ = -40 °C to 150 °C).
Updated Table 60. LED - switching (VCC = 13 V; Normal switch mode), Table 62. LED - Digital
current sense (7 V < VCC < 18 V, channel 0,5; TJ = -40 °C to 150 °C) and Table 63. LED -
Digital current sense (7 V < VCC < 18 V, channel 1,2,3,4; TJ = -40 °C to 150 °C).
Added Section 10 Maximum demagnetization energy (VCC = 16 V).
Added Section 11.2 QFN 6x6 packing information and Section 11.3 QFN 6x6 marking
information.
Minor text changes.
VN9D30Q100F
DS13246 - Rev 9
page 90/98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com