Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D5D20FNTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # VN9D5D20FNTR
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20FNTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VN9D5D20FNTR Datasheet HTML 28Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 29Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 30Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 31Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 32Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 33Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 34Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 35Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
4.4.2
OTP programming
The Direct Input assignment to Output through the OTP programming, is achievable by setting the two dedicated
bits per channel in the OTP memory map according to the following table:
Table 32. OTP memory map
OTP memory map
register (3Eh)
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
00
01
10
11
CH3
DI1
DI0
DI1
OFF
CH2
DI1
DI0
DI1
OFF
CH1
DI0
DI0
DI1
OFF
CH0
DI0
DI0
DI1
OFF
Note:
"00" represents the default configuration.
The device is provided with the default configuration corresponding to the first column in the previous table (00). A
customized OTP configuration, for each channel, is possible by changing the two dedicated bits.
Table 33. OTP programming
DIx assignment
Ch3
Ch2
Ch1
Ch0
bit 1
bit 0
bit 1
bit 0
bit 1
bit 0
bit 1
bit 0
n
n
n
n
n
n
n
n
Each Output Status Register (OUTSRx) per channel contains the bits DIOTP1, DIOTP0 which assigns the wanted
direct input signal to the channel.
The OTP programming mode can be entered by applying a dedicated procedure in order to ensure a very high
safety level for the stored configurations and to prevent from unwanted changing.
Further information about the OTP programming mode is provided in the dedicated user manual.
4.4.3
Procedure to turn-ON the outputs with the direct input DIx
By applying logic level high/low to pin, DIx turns ON/OFF the associated OTP selected outputs in fail-safe,
standby and reset modes. In normal mode, DIx effect is ORed with SPI configuration when DIENCR bit is set.
Then this truth table specifies the output state:
Table 34. Truth table
DIECRx
SOCRx
Related DIx logic status
OUTPUTx state
1
1
X
ON
1
0
L
OFF
1
0
H
ON
0
1
X
ON
0
0
X
OFF
The output channels can be configured to operate in BULB or LED mode using the channel control register
(CCR). If the relevant bit in CCR is 0, the output is configured in BULB mode, if it is set to 1, the output is
configured in LED mode (default value is 0).
VN9D5D20FN
SPI functional description
DS13579 - Rev 11
page 32/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com