| Electronic Components Datasheet Search |
|
VN9D7D20FTR Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN9D7D20FTR Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 92 page ![]() Table 19. 0xFF: SW_Reset Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Command OC1 OC0 Address 1 1 1 1 1 1 1 1 DATA1 X(1) X X X X X X 0 0 0 0 0 0 0 DATA2 X X X X X X X 0 0 0 0 0 0 0 1. X: do not care. 0xBF - clear all status registers (RAM access) When an OpCode ‘10’ (read and clear operation) at address b’111111 is performed. Table 20. Clear all status registers (RAM access) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Command OC1 OC0 Address 1 0 1 1 1 1 1 1 DATA1 X(1) X X X X X X 0 0 0 0 0 0 0 DATA2 X X X X X X X 0 0 0 0 0 0 0 1. X: do not care. Note: Reset value = the value of the register after a power on. Default value = the default value of the register. Currently this is equivalent to the reset value. Cleared register = explicitly read and clear of the register, if it is not write protected. 4.3 Register map The device contains a set of RAM and ROM registers. The RAM registers are used for device configuration and device status while ROM registers are used for device identification. Since ST-SPI is used, the global status byte defines the device status, containing fault information. 4.3.1 Global status byte description The data shifted out on SDO during each communication starts with a specific byte called global status byte. This one is used to inform the microcontroller about global faults, which can happen at channel-side level (that is, like thermal shutdown, OLOFF...) or on the SPI interface (like watchdog monitoring timeout event, communication error,...). This specific register has the following format: Table 21. Global status byte (GSB) MSB LSB GSBN RSTB SPIE TSD/OTOVL TCASE LOFF OLOFF FS VN9D7D20F SPI functional description DS13153 - Rev 8 page 21/92 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |