Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2PSO20G Datasheet(PDF) 1 Page - nVent Electric plc

Part # P2PSO20G
Description  JOINING SU BPANEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PSO20G Datasheet(HTML) 1 Page - nVent Electric plc

  P2PSO20G Datasheet HTML 1Page - nVent Electric plc P2PSO20G Datasheet HTML 2Page - nVent Electric plc P2PSO20G Datasheet HTML 3Page - nVent Electric plc P2PSO20G Datasheet HTML 4Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PROLINE G2 ExtERNaL COmPONENts Joining Accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01196 F
JOINING suBPaNEL
aPPLICatION
The PROLINE G2 Joining Subpanel provides a continuous panel
surface in multiple-bay enclosures. The joining subpanel is inserted
between full subpanels of equal height. It can be installed from front
or rear.
FEatuREs
•
Provides a continuous panel surface in multiple bay enclosures
•
Can be inserted between full mounting subpanels of equal height
•
Painted or galvanized options
sPECIFICatIONs
•
Can be installed from front or rear
•
Subpanels can be mounted at any depth in 25-mm increments
(front to back)
•
Heights greater than or equal to 1400 mm are 10 gauge (3.0 mm)
mild steel; heights less than 1400mm are 12 gauge (2.5 mm)
FINIsH
For painted versions:
•
Painted polyester powder paint; white
•
Custom colors available
BULLETIN: P40
Catalog Number
H (mm)
H (in.)
Fits Frame Height mm
Description
P2PJ6
506
19.9
600
Painted
P2PJ6G
506
19.9
600
Conductive
P2PJ8
706
27.8
800
Painted
P2PJ8G
706
27.8
800
Conductive
P2PJ10
906
35.7
1000
Painted
P2PJ10G
906
35.7
1000
Conductive
P2PJ12
1106
43.5
1200
Painted
P2PJ12G
1106
43.5
1200
Conductive
P2PJ14
1306
51.4
1400
Painted
P2PJ14G
1306
51.4
1400
Conductive
P2PJ16
1506
59.3
1600
Painted
P2PJ16G
1506
59.3
1600
Conductive
P2PJ18
1706
67.2
1800
Painted
P2PJ18G
1706
67.2
1800
Conductive
P2PJ20
1906
75.0
2000
Painted
P2PJ20G
1906
75.0
2000
Conductive
P2PJ22
2106
82.9
2200
Painted
P2PJ22G
2106
82.9
2200
Conductive
P2
Model
PROLINE G2
P
Component
Mounting
Subpanel
G
Specialty
Blank = painted
G
= galvanized
J
Type
Blank = full subpanel
SM
= full,
side-mount
J
= joining
P
= partial
PSM = partial,
side-mount
SO
= swing-out
20
Height
mm
22 = 2200
20 = 2000
18 = 1800
16 = 1600
14 = 1400
12 = 1200
10 = 1000
8 = 800
6 = 600
P2PJ208G
Catalog Number
NOTE: Not every combination is
available as a standard product.


Similar Part No. - P2PSO20G

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
P2PSO20G NVENT-P2PSO20G Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
More results

Similar Description - P2PSO20G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9VF-02100 KEMET-SU9VF-02100 Datasheet
387Kb / 5P
SU Coils, SU 9VF/9HF Type
SU9V-R02140 KEMET-SU9V-R02140 Datasheet
424Kb / 5P
SU Coils, SU 9V/9H Type
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
379Kb / 5P
SU Coils, SU 10VFC-R Type
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
SU Coils, SU 7VC Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
SU Coils, SU 7VC Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
SU Coils, SU 9VF/9HF Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
SU Coils, SU 9V/9H Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
SU Coils, SU 10VD High Frequency Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
SU Coils, SU 10VFC-R Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
SU Coils, SU 16VD High Frequency Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com