Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-E1 Datasheet(PDF) 49 Page - Greenlee Communications

Part # DST-SW-E1
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E1 Datasheet(HTML) 49 Page - Greenlee Communications

Back Button DST-SW-E1 Datasheet HTML 45Page - Greenlee Communications DST-SW-E1 Datasheet HTML 46Page - Greenlee Communications DST-SW-E1 Datasheet HTML 47Page - Greenlee Communications DST-SW-E1 Datasheet HTML 48Page - Greenlee Communications DST-SW-E1 Datasheet HTML 49Page - Greenlee Communications DST-SW-E1 Datasheet HTML 50Page - Greenlee Communications DST-SW-E1 Datasheet HTML 51Page - Greenlee Communications DST-SW-E1 Datasheet HTML 52Page - Greenlee Communications DST-SW-E1 Datasheet HTML 53Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
325
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
SPECIFICATIONS
OPTICAL
Center Wavelength
630 nm to 1600 nm
Detector
PIN-type germanium
Optical Interface
Direct connection to bare or connectorized fibers; No spe-
cialized adapters required
Sensitivity
630nm
850nm
1300nm
1550nm
< -40 dBm
< -55 dBm
< -55 dBm
< -55 dBm
Output Indicators
Light > -40dBm
Battery test
Amber LED/audible signal
Green LED
Power Requirements
Two AA size 1.5V batteries
(approx. 100 hours continuous operation)
SensoLITE® Light Detector
• Detects visible and invisible light wavelengths (630 nm to 1600 nm)
• Saves time and eliminates guesswork
• Simple, durable, and easy to use
• Works with bare and connectorized fibers
• Accepts all fiber and most connector types
• Wide sensitivity range: from -55 dBm to +25 dBm
• Presence of light indicated by an audible signal and an illuminated front
panel LED
• Unique design permits testing in bright ambient light conditions
• Long battery life—up to one year of normal use
• Low battery indicator
• Replaceable light blocking curtain
CAT. NO.
UPC NO.
DESCRIPTION
510XL
00024
Visual Fault Finder
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-25° C to +70° C
Humidity
0 to 90% RH, non-condensing
Dimensions
14.2 x 4.3 x 3.3 cm (5.6 x 1.7 x 1.3 in.)
Weight
120 g (4.2 oz.) with batteries
Promotes workplace safety – can help prevent accidental eye exposure
to hazardous laser radiation when used as directed
510XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com