Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA253 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA253 Datasheet HTML 9Page - Texas Instruments INA253 Datasheet HTML 10Page - Texas Instruments INA253 Datasheet HTML 11Page - Texas Instruments INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0
20
40
60
80
100
0.1
1
10
100
Time (s)
C027
5
7.5
10
12.5
15
17.5
20
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C026
13
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
External factors, such as ambient temperature, external air flow, and PCB layout, contribute to how effectively
the device dissipates heat. The internal heat is developed as a result of the current flowing through the total
package resistance of 4.5 mΩ. Under the conditions of no air flow, a maximum ambient temperature of 85°C, and
1-oz. copper input power planes, the INA253 accommodates continuous current levels up to 15 A. Figure 29
shows that the current-handling capability is derated at temperatures greater than the 85°C level, with safe
operation up to 10 A at a 125°C ambient temperature. With air flow and larger 2-oz. copper input power planes,
the INA253 safely accommodates continuous current levels up to 15 A across the entire –40°C to +125°C
temperature range.
Figure 29. Maximum Continuous Current vs Temperature
8.3.2 Short-Circuit Duration
The INA253 features a physical shunt resistance that is able to withstand current levels higher than the
continuous handling limit of 15 A without sustaining damage to the current-sensing resistor or the current-sensing
amplifier, if the excursions are brief. Figure 30 shows the short-circuit duration curve for the INA253.
Figure 30. Short-Circuit Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com