Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-TON Datasheet(PDF) 27 Page - Greenlee Communications

Part # DST-SW-TON
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-TON Datasheet(HTML) 27 Page - Greenlee Communications

Back Button DST-SW-TON Datasheet HTML 23Page - Greenlee Communications DST-SW-TON Datasheet HTML 24Page - Greenlee Communications DST-SW-TON Datasheet HTML 25Page - Greenlee Communications DST-SW-TON Datasheet HTML 26Page - Greenlee Communications DST-SW-TON Datasheet HTML 27Page - Greenlee Communications DST-SW-TON Datasheet HTML 28Page - Greenlee Communications DST-SW-TON Datasheet HTML 29Page - Greenlee Communications DST-SW-TON Datasheet HTML 30Page - Greenlee Communications DST-SW-TON Datasheet HTML 31Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
303
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Security and Alarm Kit
• Designed specifically for the security and alarm industry, the 620K
provides a simple method for identifying intermittent failures (swingers)
and confirming operation of switches at remote locations
• To better satisfy industry requirements, we’ve combined the Model PE620
Tone Generator with the popular Model 200EP Inductive Amplifier
in a durable woven nylon pouch (700C)
CAT. NO.
UPC NO.
DESCRIPTION
620K
08682
Security and Alarm Kit
Tone and Probe Plus Cable-Check™
RJ45 LAN Tester
• True cable mapping function identifies:
– Good connection, opens, shorts and crosses
– Connector and cable pin-out
– Clear LED display for each pin and shield
– Shielded RJ45 modular plug socket
• Automatic display of mapping with dual speeds: slow or fast
• Tests RJ11 and RJ45 cables with runs up to 600’
• Check polarity of telephone line
• View telephone line status: dial tone, ringing or busy line
• Provides talk power for telephone lines and butt set use
• Selectable dual/single tone application for balanced and
unbalanced circuits
• Four tone generator patterns
• Test continuity of wires, cables and loads
• Tone generator features auto-off function
• Jack for headset
• Audible speaker with adjustable volume control
CAT. NO.
DESCRIPTION
PA1573
Tone & Probe Plus Cable-Check™ Kit
620K
PA1573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com