Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA253A2IPW Datasheet(PDF) 12 Page - Texas Instruments

Part # INA253A2IPW
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA253A2IPW Datasheet HTML 8Page - Texas Instruments INA253A2IPW Datasheet HTML 9Page - Texas Instruments INA253A2IPW Datasheet HTML 10Page - Texas Instruments INA253A2IPW Datasheet HTML 11Page - Texas Instruments INA253A2IPW Datasheet HTML 12Page - Texas Instruments INA253A2IPW Datasheet HTML 13Page - Texas Instruments INA253A2IPW Datasheet HTML 14Page - Texas Instruments INA253A2IPW Datasheet HTML 15Page - Texas Instruments INA253A2IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
12
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA253 features a precision, 2-mΩ current-sensing resistor and supports common mode voltages up to 80
V. The internal amplifier features a precision zero-drift topology with excellent common-mode rejection ratio
(CMRR). The internal amplifier also features an enhanced pulse-width modulation (PWM) rejection current-
sensing amplifier integrated into a single package. High-precision measurements are enabled by matching the
shunt resistor value and the current-sensing amplifier gain, thus providing a highly-accurate, system-calibrated
method for measuring current. Enhanced PWM rejection reduces the effect of common-mode transients on the
output signal that are associated with PWM signals. Multiple gain versions are available to allow for the
optimization of the desired full-scale output voltage based on the target current range expected in the application.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Integrated Shunt Resistor
The INA253 features a precise, low-drift, current-sensing resistor that provides accurate measurements over the
entire specified temperature range of –40°C to +125°C. The integrated current-sensing resistor provides
measurement stability over temperature, and simplifies printed circuit board (PCB) layout and board constraint
difficulties common in high-precision measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables accurate
measurements through a force-sense connection. Connecting the amplifier inputs pins (VIN– and VIN+) to the
sense pins of the shunt resistor (SH– and SH+) eliminates many of the parasitic impedances commonly found in
typical very-low sensing-resistor level measurements. Although the sense connection of the current-sensing
resistor can be accessed through the SH+ and SH– pins, this resistor is not intended to be used as a stand-
alone component. The INA253 is system-calibrated to makes sure that the current-sensing resistor and current-
sensing amplifier are both precisely matched to one another. Use of the shunt resistor without the onboard
amplifier results in a current-sensing resistor tolerance of approximately 5%. To achieve the optimized system
gain specification, the onboard sensing resistor must be used with the internal current-sensing amplifier.
The INA253 has approximately 4.5 mΩ of package resistance. Of this total package resistance, 2 mΩ is a
precisely-controlled resistance from the Kelvin-connected current-sensing resistor used by the amplifier. The
power dissipation requirements of the system and package are based on the total 4.5-mΩ package resistance
between the IS+ and IS– pins. The heat dissipated across the package when current flows through the device
ultimately determines the maximum current that can be safely handled by the package. The current consumption
of the silicon is relatively low, leaving the total package resistance to carry the high load current as the primary
contributor to the total power dissipation of the package. The maximum safe-operating current level is set to
make sure that the heat dissipated across the package is limited so that no damage occurs to the resistor or the
package, or that the internal junction temperature of the silicon does not exceed a 150°C limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com