Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P-UHKA Datasheet(PDF) 2 Page - nVent Electric plc

Part # P-UHKA
Description  Pedestals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P-UHKA Datasheet(HTML) 2 Page - nVent Electric plc

  P-UHKA Datasheet HTML 1Page - nVent Electric plc P-UHKA Datasheet HTML 2Page - nVent Electric plc P-UHKA Datasheet HTML 3Page - nVent Electric plc P-UHKA Datasheet HTML 4Page - nVent Electric plc P-UHKA Datasheet HTML 5Page - nVent Electric plc P-UHKA Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mounting options Pedestals and Pedestal accessories
PH 763.422.2211
nVent.com/HOFFMAN
HMi (HuMan-MacHine interface)
2
Spec-00485 L
pedestal witH legs
Pedestal is available in two heights.
Vertical tube has rigid one-piece
construction. Bottom of tube is
open. Four sturdy, die-cast legs bolt
to vertical tube. Legs have holes
for bolting pedestal to the floor.
Legs will accept casters in limited
applications. Heavy-duty black
polymer caps fit on ends of legs to
cover bolts or levelers. Pedestal has
ANSI 61 medium-gray or RAL 7035
textured light-gray polyester powder
paint finish. Tapped mounting
holes in the top of pedestal allow
attachment to HMI base with cutout,
swivel, swivel tilt or angle adapter.
Hardware and gasket to attach
enclosure are included.
•
Use 4.00 x 4.00-in. (102 x 102-mm)
pedestal with CONCEPT HMI and
INLINE HMI Enclosures
•
Use 8.00 x 8.00-in. (203 x 203-
mm) pedestal with PROLINE
Sloped-Front Enclosures
Bulletin: p1
 
Catalog Number
AxBxC mm/in.
Finish
Description
D
mm/in.
AP26L44
660 x 102 x 102
26.00 x 4.00 x 4.00
ANSI 61
Steel
600
23.62
AP26L44LG
660 x 102 x 102
26.00 x 4.00 x 4.00
RAL 7035
Steel
600
23.62
AP36L44
914 x 102 x 102
36.00 x 4.00 x 4.00
ANSI 61
Steel
600
23.62
AP36L44LG
914 x 102 x 102
36.00 x 4.00 x 4.00
RAL 7035
Steel
600
23.62
AP26L88
660 x 203 x 203
26.00 x 8.00 x 8.00
ANSI 61
Steel
702
27.62
AP26L88LG
660 x 203 x 203
26.00 x 8.00 x 8.00
RAL 7035
Steel
702
27.62
AP36L88
914 x 203 x 203
36.00 x 8.00 x 8.00
ANSI 61
Steel
702
27.62
AP36L88LG
914 x 203 x 203
36.00 x 8.00 x 8.00
RAL 7035
Steel
702
27.62
87799590
pedestal
Mount pedestal to the floor or on accessory swivel casters.
Coupling and base have RAL 7035 light-gray polyester powder paint
finish. Anodized aluminum tube is 1000-mm high with a 45- x 60-
mm tube cross section. The enclosure coupling has a 60- x 60-mm
hole pattern.
Bulletin: cc3
Catalog Number
Description
CCPED
Floor-mount pedestal or mount to swivel casters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com