Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR Datasheet(PDF) 24 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 20Page - Texas Instruments INA302A2IPWR Datasheet HTML 21Page - Texas Instruments INA302A2IPWR Datasheet HTML 22Page - Texas Instruments INA302A2IPWR Datasheet HTML 23Page - Texas Instruments INA302A2IPWR Datasheet HTML 24Page - Texas Instruments INA302A2IPWR Datasheet HTML 25Page - Texas Instruments INA302A2IPWR Datasheet HTML 26Page - Texas Instruments INA302A2IPWR Datasheet HTML 27Page - Texas Instruments INA302A2IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Application Information (continued)
As shown in Table 2, the maximum value calculated for the current-sensing resistor with these requirements is
2.5 mΩ. Although this value satisfies the maximum power dissipation requirement of 250 mW, headroom is
available from the 2.5% maximum total overcurrent detection error to reduce the value of the current-sensing
resistor and to further reduce power dissipation. Selecting a 1.5-mΩ, current-sensing resistor value offers a good
tradeoff for reducing the power dissipation in this scenario by approximately 40% and stays within the accuracy
region.
Table 2. Calculating the Current-Sensing Resistor, RSENSE
PARAMETER
EQUATION
VALUE
UNIT
DESIGN TARGETS
IMAX
Maximum current
10
A
PD_MAX
Maximum allowable power dissipation
250
mW
Allowable current threshold accuracy
2.5%
DEVICE PARAMETERS
VOS
Offset voltage
30
µV
EG
Gain error
0.15%
CALCULATIONS
RSENSE_MAX
Maximum allowable RSENSE
PD_MAX / IMAX
2
2.5
mΩ
VOS_ERROR
Initial offset voltage error
(VOS / (RSENSE_MAX × IMAX ) × 100
0.12%
ERRORTOTAL
Total measurement error
√(VOS_ERROR
2 + E
G
2)
0.19%
ERRORINITIAL
Initial threshold error
ILIMIT tolerance + RLIMIT tolerance
2%
ERRORAVAILABLE
Maximum allowable measurement error
Maximum error – ERRORINITIAL
1%
VOS_ERROR_MAX
Maximum allowable offset error
√(ERRORAVAILABLE
2 – E
G
2)
0.48%
VDIFF_MIN
Minimum differential voltage
VOS / VOS_ERROR_MAX (1%)
6.3
mV
RSENSE_MIN
Minimum sense resistor value
VDIFF_MIN / IMAX
0.63
mΩ
PD_MIN
Lowest-possible power dissipation
RSENSE_MIN × IMAX
2
63
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com