| Electronic Components Datasheet Search |
|
INA331IDGKT.B Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA331IDGKT.B Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 24 page ![]() INA331, INA2331 SBOS215C 2 www.ti.com Supply Voltage, V+ to V– .................................................................... 7.5V Signal Input Terminals, Voltage(2) ..................... (V–) – 0.5V to (V+) + 0.5V Current(2) ..................................................... 10mA Output Short-Circuit(3) .............................................................. Continuous Operating Temperature .................................................. –55 °C to +125°C Storage Temperature ...................................................... –65 °C to +150°C Junction Temperature ...................................................................... 150 °C Lead Temperature (soldering, 10s) ................................................. 300 °C NOTES: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current limited to 10mA or less. (3) Short-circuit to ground, one amplifier per package. ABSOLUTE MAXIMUM RATINGS(1) ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PIN CONFIGURATION Top View RG V IN– V IN+ V– Shutdown V+ V OUT REF INA331 MSOP-8 (DGK) 1 2 3 4 8 7 6 5 1 2 3 4 5 6 7 14 13 12 11 10 9 8 Shutdown A V OUTA REFA V+ REFB V OUTB Shutdown B RGA V IN–A V IN+A V– V IN+B V IN–B RGB INA2331 Dual, TSSOP-14 (PW) PACKAGE PACKAGE PRODUCT PACKAGE-LEAD DESIGNATOR MARKING Single INA331IDGK MSOP-8 DGK C31 INA331AIDGK MSOP-8 DGK C31 Dual INA2331AIPW TSSOP-14 PW 2331A NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. PACKAGE/ORDERING INFORMATION(1) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |