Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S03 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S03
Description  1.5 A, 1.5 MHz adjustable, step-down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S03_V01 Datasheet HTML 5Page - STMicroelectronics ST1S03_V01 Datasheet HTML 6Page - STMicroelectronics ST1S03_V01 Datasheet HTML 7Page - STMicroelectronics ST1S03_V01 Datasheet HTML 8Page - STMicroelectronics ST1S03_V01 Datasheet HTML 9Page - STMicroelectronics ST1S03_V01 Datasheet HTML 10Page - STMicroelectronics ST1S03_V01 Datasheet HTML 11Page - STMicroelectronics ST1S03_V01 Datasheet HTML 12Page - STMicroelectronics ST1S03_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID10992 Rev 7
9/16
ST1S03
Typical performance characteristics
16
7
Typical performance characteristics
(L1 = 3.3 µH, CI = 4.7 µF, CO = 22 µF, unless otherwise specified).
Figure 4. Load voltage feedback vs. temp.
Figure 5. Voltage feedback vs. temperature
Figure 6. Line output voltage regulation vs.
temperature
Figure 7. Line voltage feedback vs. temperature
Figure 8. Voltage feedback vs. output current
Figure 9. PWM Switching frequency vs. temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com