Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7140FCC Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 3 Page - Texas Instruments

  ISO7140FCC Datasheet HTML 1Page - Texas Instruments ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
Changes from Revision B (June 2013) to Revision C
Page
•
Changed Feature From: ISO7140: TBD at 1 Mbps, TBD at 25 Mbps To: ISO7140: 1 mA at 1 Mbps, 2.3 mA at 25 Mbps.. 1
•
Added text to the Description: "All inputs are 5V tolerant when supplied from a 2.7V or 3.3V supply." ................................ 1
•
Deleted the Product Status table............................................................................................................................................ 1
•
Changed the SAFETY and REGULATORY APPROVALS .................................................................................................... 1
•
Changed the ABSOLUTE MAXIMUM RATINGS table .......................................................................................................... 5
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. .............................................................. 7
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 8
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 8
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values......................................................................... 9
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values....................................................................... 10
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values....................................................................... 11
•
Changed Figure 1 X-axis scale ............................................................................................................................................ 12
•
Changed the AVAILABLE OPTIONS table........................................................................................................................... 17
Changes from Revision A (June 2013) to Revision B
Page
•
Changed device ISO7141CC From: Product Preview To: Released in the Product Status table ......................................... 1
Changes from Original (April 2013) to Revision A
Page
•
Changed the Simplified Schematic, added ground symbols .................................................................................................. 1
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 7
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 8
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 8
•
Added Figure 3 ..................................................................................................................................................................... 12
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com