Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7842 Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO7842
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO7842 Datasheet HTML 22Page - Texas Instruments ISO7842 Datasheet HTML 23Page - Texas Instruments ISO7842 Datasheet HTML 24Page - Texas Instruments ISO7842 Datasheet HTML 25Page - Texas Instruments ISO7842 Datasheet HTML 26Page - Texas Instruments ISO7842 Datasheet HTML 27Page - Texas Instruments ISO7842 Datasheet HTML 28Page - Texas Instruments ISO7842 Datasheet HTML 29Page - Texas Instruments ISO7842 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
• Changed the MIN value of CMTI in Electrical Characteristics–5V Supply, 5V table From: 70 To: 100kV/μs,
deleted the TYP value of 100kV/μs.................................................................................................................... 8
• Added the Supply Current - ISO7842DW and ISO7842FDW section to the Supply Current Characteristics–5V
Supply ................................................................................................................................................................8
• Added the Supply Current - ISO7842DWW and ISO7842FDWW section to the Supply Current
Characteristics–5V Supply .................................................................................................................................8
• Changed the MIN value of CMTI in Electrical Characteristics—3.3V Supply, 5V table From: 70 To: 100kV/μs,
deleted the TYP value of 100kV/μs.................................................................................................................... 9
• Added the Supply Current - ISO7842DW and ISO7842FDW section to the Supply Current Characteristics—
3.3V Supply ....................................................................................................................................................... 9
• Added the Supply Current - ISO7842DWW and ISO7842FDWW section to the Supply Current Characteristics
—3.3V Supply ....................................................................................................................................................9
• Changed the MIN value of CMTI in Electrical Characteristics—2.5V Supply, 5V table From: 70 To: 100kV/μs,
deleted the TYP value of 100kV/μs.................................................................................................................. 10
• Added the Supply Current - ISO7842DW and ISO7842FDW section to the Supply Current Characteristics—
2.5V Supply ..................................................................................................................................................... 10
• Added the Supply Current - ISO7842DWW and ISO7842FDWW section to the Supply Current Characteristics
—2.5V Supply ..................................................................................................................................................10
• Added text to the Application Information section: " isolation voltage per UL 1577." ...................................... 20
Changes from Revision B (April 2015) to Revision C (July 2015)
Page
• Added device ISO7482F to the data sheet.........................................................................................................1
• Changed the Description to include: " default output is 'high' for the ISO7842 device and 'low' for the
ISO7842F device................................................................................................................................................1
• Changed Thermal Derating Curve for Safety Limiting Current per VDE, Added Thermal Derating Curve for
Safety Limiting Power per VDE ....................................................................................................................... 14
• Changed From: tPLH and tPHLat 5.5V To: tPLH and tPHL at 5.0V........................................................................15
• Changed Default Output Delay Time Test Circuit and Voltage Waveforms .....................................................16
• Added the Device I/O Schematics section ...................................................................................................... 20
Changes from Revision A (November 2014) to Revision B (April 2015)
Page
• Changed the document title From: "Quad-Channel Digital Isolator" To: "Quad-Channel 2/2 Digital Isolator"....1
• Added Features 2.25V to 5.5V Level Translation...............................................................................................1
• Changed Features From: Wide Body SOIC-16 Package To: Wide Body and Extra-Wide Body SOIC-16
Package Options ............................................................................................................................................... 1
• Changed the Safety and Regulatory Approvals list of Features ........................................................................1
• VDE certification is now complete ..................................................................................................................... 1
• Changed the Simplified Schematic and added Notes 1 and 2........................................................................... 1
• Added the Power Dissipation Characteristics table............................................................................................5
• Changed Package Insulation and Safety-Related Specifications ......................................................................6
• Changed Insulation Characteristics title From: DIN V VDE 0884-10 (VDE V 0884-10) and UL 1577 Insulation
Characteristics To: Insulation Characteristics ....................................................................................................6
• Changed Insulation Characteristics ...................................................................................................................6
• Changed the Test Condition of CTI of the table in Package Insulation and Safety-Related Specifications ...... 6
• Changed the MIN value of CTI From" > 600V To: 600V ................................................................................... 6
• Changed the table in Regulatory Information ....................................................................................................7
• Changed Switching Characteristics Test Circuit and Voltage Waveforms .......................................................16
• Changed Enable/Disable Propagation Delay Time Test Circuit and Waveform .............................................. 16
• Changed From: VCC1 To: VCCI in Default Output Delay Time Test Circuit and Voltage Waveforms ................16
• Changed Common-Mode Transient Immunity Test Circuit .............................................................................. 16
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com