Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7842DW Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7842DW
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842DW Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7842DW Datasheet HTML 9Page - Texas Instruments ISO7842DW Datasheet HTML 10Page - Texas Instruments ISO7842DW Datasheet HTML 11Page - Texas Instruments ISO7842DW Datasheet HTML 12Page - Texas Instruments ISO7842DW Datasheet HTML 13Page - Texas Instruments ISO7842DW Datasheet HTML 14Page - Texas Instruments ISO7842DW Datasheet HTML 15Page - Texas Instruments ISO7842DW Datasheet HTML 16Page - Texas Instruments ISO7842DW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
5.17 Switching Characteristics—2.5V Supply
VCC1 = VCC2 = 2.5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6-1
7.5
11.7
17.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.66
4.2
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction Channels
2.2
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 6-1
1
3.5
ns
tf
Output signal fall time
1.2
3.5
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 6-2
22
45
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
22
45
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7842
18
45
ns
Enable propagation delay, high impedance-to-high
output for ISO7842F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7842
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7842F
18
45
ns
tfs
Default output delay time from input power loss
Measured from the time VCC goes below 1.7V.
See Figure 6-3
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100Mbps
0.91
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com