Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7569BLV Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7569BLV
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLV Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7569BLV Datasheet HTML 8Page - STMicroelectronics TDA7569BLV Datasheet HTML 9Page - STMicroelectronics TDA7569BLV Datasheet HTML 10Page - STMicroelectronics TDA7569BLV Datasheet HTML 11Page - STMicroelectronics TDA7569BLV Datasheet HTML 12Page - STMicroelectronics TDA7569BLV Datasheet HTML 13Page - STMicroelectronics TDA7569BLV Datasheet HTML 14Page - STMicroelectronics TDA7569BLV Datasheet HTML 15Page - STMicroelectronics TDA7569BLV Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Electrical specifications
TDA7569BLV
12/41
DocID023498 Rev 9
BW
Power bandwidth
-
100
-
-
kHz
CMRR
Input CMRR
Vcm = 1 Vpk-pk, Rg = 0 Ω
-70-
dB
ΔVOITU
ITU Pop filter output voltage
Standby to Mute and
Mute to Standby transition
Tamb = 25 °C,
ITU-R 2K, Csvr = 10 μF
Vs = 14.4 V
-7.5
-
+7.5
mV
Mute to Play transition
Tamb = 25 °C,
ITU-R 2K, Vs = 14.4 V (4)
-7.5
-
+7.5
mV
Play to Mute transition
Tamb = 25 °C,
ITU-R 2K, Vs = 14.4 V (5)
-7.5
-
+7.5
mV
Clip detector
CDLK
Clip det. high leakage current
CD off / VCD = 6 V
-
0
5
μA
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
-
300
mV
CDTHD
Clip det THD level
D0 (IB1) = 1
5
10
15
%
D0 (IB1) = 0
1
2
3
%
Control pin characteristics
VSBY
Standby/mute pin for standby
-
0
-
1.2
V
VMU
Standby/mute pin for mute
-
2.9
-
3.5
V
VOP
Standby/mute pin for operating
-
4.5
-
18
V
IMU
Standby/mute pin current
Vst-by/mute = 4.5 V
-
1
5
μA
Vst-by/mute < 1.2 V
-
0
5
μA
ASB
Standby attenuation
-
90
110
-
dB
AM
Mute attenuation
-
80
100
-
dB
Turn on diagnostics 1 (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
short circuit to GND)
Power amplifier in standby
-
-
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output is
considered without faults).
Power amplifier in standby
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
0.5
Ω
Lop
Open load det.
85
-
-
Ω
Lnop
Normal load det.
1.5
-
45
Ω
Turn on diagnostics 2 (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
-
-
1.2
V
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com