Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7575BPD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7575BPD
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575BPD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7575BPD Datasheet HTML 4Page - STMicroelectronics TDA7575BPD Datasheet HTML 5Page - STMicroelectronics TDA7575BPD Datasheet HTML 6Page - STMicroelectronics TDA7575BPD Datasheet HTML 7Page - STMicroelectronics TDA7575BPD Datasheet HTML 8Page - STMicroelectronics TDA7575BPD Datasheet HTML 9Page - STMicroelectronics TDA7575BPD Datasheet HTML 10Page - STMicroelectronics TDA7575BPD Datasheet HTML 11Page - STMicroelectronics TDA7575BPD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical specifications
TDA7575B
8/32
Doc ID 14103 Rev 3
TON
Turn on delay
D2 (IB1) 0 to 1
-
15
40
ms
TOFF
Turn off delay
D2 (IB1) 1 to 0
-
15
40
ms
VOFF
Standby pin for standby
-
0
-
1.5
V
VSB
Standby pin for standard bridge -
3.5
-
5
V
VHE
Standby pin for high-efficiency
-
7
-
18
V
IO
Standby pin current
1.5 < Vst-by/HE < 18 V
7
160
200
A
Standby pin current
Vst-by < 1.5 V
-10
0
10
A
Vm
Mute pin voltage for mute mode -
0
-
1.5
V
Vm
Mute pin voltage for play mode
-
3.5
-
18
V
Im
Mute pin current (standby)
Vmute = 0 V, Vst-by < 1.5V
-5
0
5
A
Im
Mute pin current (operative)
0 V < Vmute < 18 V, Vst-by > 3.5 V
-
65
100
A
VI2C
I2C pin voltage for I2C disabled
-
0
-
1.5
V
VI2C
I2C pin voltage for I2C enabled
-
2.5
-
18
V
I2CI2C pin current (standby)
0V < I2C EN < 18V, Vstby < 1.5V
-5
0
5
A
I2CI2C pin current (operative)
I2C EN <18V, Vst-by>3.5V
7
11
15
A
V1
1
 pin voltage for 2ch mode
-
0
-
1.5
V
V1
1
 pin voltage for 1  mode
-
2.5
-
18
V
I1
1
 pin current (standby)
0 V < 1
 <18 V, V
s-tby < 1.5 V
-5
0
5
A
I1
1
 pin current (operative)
1
 < 18 V, V
st-by > 3.5 V
7
11
15
A
La
A pin voltage
Low logic level
0
-
1.5
V
Ha
High logic level
2.5
-
18
V
Ia
A pin current (standby)
0V < A < 18V , Vstby < 1.5 V
-5
0
5
A
Ia
A pin current (operative)
A<18V, Vst-by > 3.5V
7
11
15
A
Lb
B pin voltage
Low logic level
0
-
1.5
V
Hb
High logic level
2.5
-
18
V
Ib
B pin current (standby)
0 V < B < 18 V, Vs-tby < 1.5 V
-5
0
5
A
Ib
B pin current (operative)
B < 18 V, Vst-by > 3.5 V
7
11
15
A
TW
Thermal warning
-
-
150
-
°C
TPI
Thermal protection intervention -
-
170
-
°C
ICDH
Clip pin high leakage current
CD off, 0 V < VCD < 5.5 V
-15
0
15
A
ICDL
Clip pin low sink current
CD on; VCD < 300 mV
1
mA
CD
Clip detect THD level
D0 (IB1) = 0
0.8
1.3
2.5
%
D0 (IB1) = 1
5
10
15
%
(*) Standby pin high enables I2C bus; Standby pin low puts the device in standby condition. (see “prog” for more details)
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com