Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNF1048FTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 6Page - STMicroelectronics VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics VNF1048FTR Datasheet HTML 10Page - STMicroelectronics VNF1048FTR Datasheet HTML 11Page - STMicroelectronics VNF1048FTR Datasheet HTML 12Page - STMicroelectronics VNF1048FTR Datasheet HTML 13Page - STMicroelectronics VNF1048FTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Symbol
Parameter
Test conditions Min.
Typ.
Max.
Unit
VHSC_THRS_7
Hard short circuit protection thresholds
mV
52.8
VHSC_THRS_8
60.6
VHSC_THRS_9
69.6
VHSC_THRS_10
80
VHSC_THRS_11
91.9
VHSC_THRS_12
105.6
VHSC_THRS_13
121.3
VHSC_THRS_14
139.3
VHSC_THRS_15
160.00
VHSC_THRS_ACC
Hard short circuit protection threshold accuracy
-5
5
%
VHSC_DELAY
Hard short circuit protection delay time
5
µs
VHSC_ADC_CONV
Hard short circuit protection ADC full range
resolution
VHSC_ADC[9:0] =
min((VSENSE/
160*1024),
1023)
0
1023
VHSC_ADC_RATE
Hard short circuit ADC sample rate
0.9
MSample/s
Table 16. Overcurrent protection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOC_THRS_RANGE
Overcurrent protection threshold range
32 steps adjustable through SPI
6
90
mV
VOC_THRS_0
Overcurrent protection thresholds
-12%
6
+12%
mV
VOC_THRS_1
7.2
VOC_THRS_2
8.7
VOC_THRS_3
-7%
10.4
+7%
VOC_THRS_4
11.8
VOC_THRS_5
13
VOC_THRS_6
13.8
VOC_THRS_7
14.8
VOC_THRS_8
15.8
VOC_THRS_9
16.8
VOC_THRS_10
17.9
VOC_THRS_11
19.1
VOC_THRS_12
20.4
VOC_THRS_13
-5%
21.8
+5%
VOC_THRS_14
23.3
VOC_THRS_15
24.8
VOC_THRS_16
26.5
VOC_THRS_17
28.2
VOC_THRS_18
30.1
VNF1048F
Electrical specification
DS13084 - Rev 8
page 10/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com