Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5019ATR-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 16Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 17Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 18Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 19Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 20Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 21Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 22Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID15701 Rev 11
19/38
VNH5019A-E
Electrical specifications
38
2.5
Reverse battery protection
Against reverse battery condition the charge pump feature allows to use an external
N-channel MOSFET connected as shown in the typical application circuit (see Figure 4).
As alternative option, a N-channel MOSFET connected to GND pin can be used (see typical
application circuit in figure Figure 5).
With this configuration we recommend to short VBAT pin to VCC.
The device sustains no more than -30 A in reverse battery conditions because of the two
body diodes of the power MOSFETs. Additionally, in reverse battery condition the I/Os of
VNH5019A-E is pulled down to the VCC line (approximately -1.5 V). Series resistor must be
inserted to limit the current sunk from the microcontroller I/Os. If IRmax is the maximum
target reverse current through microcontroller I/Os, series resistor is:
Figure 7. Definition of the delay time measurement
R
VIOs VCC
–
IRmax
------------------------------
=
t
t
VINB
VINA,
t
PWM
t
ILOAD
tDEL
tDEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com