Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNHD7012AY Datasheet(PDF) 23 Page - STMicroelectronics

Part # VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 19Page - STMicroelectronics VNHD7012AY Datasheet HTML 20Page - STMicroelectronics VNHD7012AY Datasheet HTML 21Page - STMicroelectronics VNHD7012AY Datasheet HTML 22Page - STMicroelectronics VNHD7012AY Datasheet HTML 23Page - STMicroelectronics VNHD7012AY Datasheet HTML 24Page - STMicroelectronics VNHD7012AY Datasheet HTML 25Page - STMicroelectronics VNHD7012AY Datasheet HTML 26Page - STMicroelectronics VNHD7012AY Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DS11484 Rev 5
23/43
VNHD7012AY
Electrical specifications
42
Note:
To power on the device from standby, it is recommended to: toggle INA or INB or SEL0 or
SEL1 from 0 to 1 first to come out from STBY mode; toggle PWM from 0 to 1 with a delay of
20 microsecond this avoids any overstress on the device in case of existing short-to-battery.
Table 14. Off-state — truth table
Description
Off-state diagnostic
00
10
0
X
1
VSENSEH
Case 1: OUTA shorted to VCC if no pull-up is applied.
Case 2: NO open-load in full bridge configuration with
an external pull-up on OUTB
Case 3: open-load in half bridge configuration with an
external pull-up on OUTA (motor connected between
Out and Ground)
X1
Hi-Z
Case 1: open-load in full Bridge configuration with an
external pull-up on OUTB
Case 2: NO open-load in half Bridge configuration
with external pull-up on OUTA (motor connected
between Out and Ground)
00
X
1VSENSEH
Case 1: OUTB shorted to VCC if no pull-up is applied
Case 2: NO open-load in full bridge configuration with
external pull-up on OUTA
Case 3: open-load in half bridge configuration with
external pull-up on OUTB (motor connected between
Out and Ground)
X
1Hi-Z
Case1: open-load in full Bridge configuration with an
external pull-up on OUTA
Case 2. NO open-load in half Bridge configuration
with external pull-up on OUTB (motor connected
between Out and Ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com