Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXMBNI23FBF19ASC. Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXMBNI23FBF19ASC.
Description  M23 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXMBNI23FBF19ASC. Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXMBNI23FBF19ASC. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXMBNI23FBF19ASC. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXMBNI23FBF19ASC. Datasheet HTML 3Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BUCCANEER
M23 Series
M23 Buccaneer
Typically used for providing high performance, reliable and
robust connections in commercial and industrial automation
applications, these IP67 rated signal and power connectors offer
a high degree of protection against environmental factors such
as water, dirt and moisture.
A-Coded
Male and female variants, 12 or 19 poles
Straight and angled configurations
Robust metal housing
IP67 protection rating (when mated)
Voltages up to 250 V and currents up to 8 A
Key features:
Bulgin’s range of M23 Connectors includes field
installable male and female connectors as well as
front panel mount options from 12- to 19-pole in
straight and right angled versions.


Similar Part No. - PXMBNI23FBF19ASC.

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXMBNI05FPM BULGINLIMITED-PXMBNI05FPM Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL001 BULGINLIMITED-PXMBNI05FPM03AFL001 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL002 BULGINLIMITED-PXMBNI05FPM03AFL002 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL003 BULGINLIMITED-PXMBNI05FPM03AFL003 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03APC BULGINLIMITED-PXMBNI05FPM03APC Datasheet
841Kb / 8P
M5 Series
More results

Similar Description - PXMBNI23FBF19ASC.

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
M23 Female
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
M23 Female
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
M23 Female 90 Degree
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
M23 Male 90 Degree to M23 Female 90 Degree
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
SACB-8/ 8-M23
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
SACB-8/16-M23
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
M23-Z0001 - Screw
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com