Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXMBNI23RAF19ASC. Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PXMBNI23RAF19ASC.
Description  M23 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXMBNI23RAF19ASC. Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PXMBNI23RAF19ASC. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXMBNI23RAF19ASC. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXMBNI23RAF19ASC. Datasheet HTML 3Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical:
Mechanical:
No. Poles
12
19
Locking mechanism
Screw coupling
Current Rating
8A
8A
Sealing
IP67
Voltage Rating (ac/dc)
200V 200V
Contact Accomodation
Contact Resistance
<3mΩ
12 Pole
18 AWG
Insulation Resistance
>1003MΩ
19 Pole
17 AWG
AC Breakdown Voltage
12 Pole
1.5KV
Cable acceptance
6.0 - 8.0mm Dia
19 Pole
1.5KV
Terminations
Solder
Operating Temp Range -25°C to 80°C
Mechanical Operation
500 mating cycles
Diameter over coupling ring
26.0mm
Materials:
Flex & Inline Connectors
Body
Nickel Plated Brass
Coupling Nut
Nickel Plated Brass
Colour
Grey
Pin Contacts
Brass, Gold plating
Socket Contacts
Phosphor Bronze, Gold plating
O Rings & Gaskets
Viton
RoHS
Compliant
Compliant
Viton
Grey
Brass, Gold plating
Phosphor Bronze, Gold plating
Panel Mount
Nickel Plated Brass
Nickel Plated Brass
BUCCANEER
M23 Series
MX
XXX
XX
XX
X
XX
X
XX
Series
Material
Series Size
Body Style
Orientation No. Contacts
Code
Termination
PXM
BNI = Brass Nickel
23
FB = Flex Body
M
12
A
SC = Solder
PXP
FI = Flex Inline Body
F
19
FP = Front Panel Mounting
RA = Right Angle
M23 Buccaneer
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com