Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/90 Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PX0839/90
Description  Standard Buccaneer - Ethernet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0839/90 Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PX0839/90 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0839/90 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Buccaneer for Data 69
BUCCANEER FOR DATA
Standard Buccaneer - Ethernet
Materials
Moulding
Flammability
Contact material
Contact plating
Operating Temperature
Mating cycles
RoHS
Electrical
No. Conductors
Conductor types
Current rating
Voltage rating
Contact resistance
Performance
Materials
Coupler Shell
Coupler Plating
Moulding
Flammability
Contact material
Contact plating
Operating Temperature
Mating cycles
RoHS
Electrical
No. Conductors
Current rating
Voltage rating
Contact resistance
Performance
Materials
Coupler Shell
Coupler Plating
Moulding
Flammability
Contact material
Contact plating
PC Pins
Operating Temperature
Mating cycles
RoHS
Electrical
No. Conductors
Current rating
Voltage rating
Contact resistance
Performance
Polycarbonate
UL94V-0
Phosphor Bronze
50 micron gold
–40°C to +70°C
1,000 cycles
Compliant
8
24-28AWG, solid or
multistranded
350mA
37V ac, 57V dc
10mΩ max.
Cat 5e & POE
Copper Alloy
Nickel
ABS
UL94V-0
Phosphor Bronze
50 micron gold
–40°C to +70°C
1,000 cycles
Compliant
8
1.5A
30V ac, 42V dc
10mV max.
Cat 5e
Copper Alloy
Nickel
ABS
UL94V-0
Phosphor Bronze
50 micron gold
Tin plated
–40°C to +70°C
1,000 cycles
Compliant
8
1.5A
30V ac, 42V dc
10mΩ max.
Cat 5e
RJ45 Plug
RJ45 Coupler
RJ45 PCB Connector
Polycarbonate
UL94V-0
Phosphor Bronze
50 micron gold
–40°C to +70°C
1,000 cycles
Compliant
8
24-28AWG, solid or
multistranded
1.5 A
30V ac, 42V dc
10mΩ max.
Cat 6a
Copper Alloy
Nickel
ABS
UL94V-0
Phosphor Bronze
50 micron gold
0°C to +70°C
1,000 cycles
Compliant
8
1.5A
30V ac, 42V dc
10mV max.
Cat 6a
Cat 5e & POE
Cat 6a
Cat 5e
Cat 6a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com