Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA126E/2K5G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA126E/2K5G4
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126E/2K5G4 Datasheet(HTML) 1 Page - Texas Instruments

  INA126E/2K5G4 Datasheet HTML 1Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 2Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 3Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 4Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 5Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 6Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 7Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 8Page - Texas Instruments INA126E/2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
INAx126 MicroPower Instrumentation Amplifiers
1 Features
• Low quiescent current: 175 μA/channel
• Wide supply range: ±1.35 V to ±18 V
• Low offset voltage: 250-μV maximum
• Low offset drift: 3-μV/°C maximum
• Low noise: 35 nV/√Hz
• Low input bias current: 25-nA maximum
• Temperature range: –40°C to +85°C
• Multiple package options:
– Single channel:
• INA126P/PA 8-pin PDIP (P)
• INA126U/UA 8-pin SOIC (D)
• INA126E/EA 8-pin VSSOP (DGK)
– Dual channels:
• INA2126P/PA 16-pin PDIP (N)
• INA2126U/UA 16-pin SOIC (D)
• INA2126E/EA 16-pin SSOP (DBQ)
2 Applications
• Level transmitter
• Flow transmitter
• Multiparameter patient monitor
• Mixed module (AI, AO, DI, DO)
• AC charging (pile) station
• Infusion pump
• Electrocardiogram (ECG)
3 Description
The INA126 and INA2126 (INAx126) are precision
instrumentation amplifiers for accurate, low-noise,
differential-signal acquisition. The two-op-amp design
provides excellent performance with low quiescent
current (175 μA/channel). These features combined
with a wide operating voltage range of ±1.35 V to
±18 V make the INAx126 a great choice for portable
instrumentation and data acquisition systems.
Gain can be set from 5 V/V to 10000 V/V with
a single external resistor. Precision input circuitry
provides low offset voltage (250 μV, maximum), low
offset voltage drift (3 μV/°C, maximum), and excellent
common-mode rejection.
All versions are specified for the –40°C to +85°C
industrial temperature range.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA126
PDIP (8)
6.35 mm × 9.81 mm
SOIC (8)
3.91 mm × 4.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
INA2126
PDIP (16)
6.35 mm × 19.30 mm
SOIC (16)
3.91 mm × 9.90 mm
SSOP (16)
3.90 mm × 4.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
40kΩ
10kΩ
10kΩ
40kΩ
INA126
5
4
2
1
8
3
7
6
R
G
V
IN
–
V
IN
+
V+
V–
V
O = (VIN – VIN) G
–
+
80kΩ
R
G
G = 5 +
Simplified Schematic: INA126
40kΩ
10kΩ
10kΩ
40kΩ
INA2126
5
7
8
1
4
3
2
9
6
RG
VIN
–
VIN
+
V+
V–
VO = (VIN – VIN) G
–
+
G = 5 +
VO = (VIN – VIN) G
–
+
G = 5 +
40kΩ
10kΩ
10kΩ
40kΩ
12
16
13
14
15
11
10
RG
VIN
–
VIN
+
80kΩ
R
G
80kΩ
R
G
Simplified Schematic: INA2126
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA126E/2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA126E/2K5G4 BURR-BROWN-INA126E/2K5G4 Datasheet
1Mb / 19P
MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
More results

Similar Description - INA126E/2K5G4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Intersil Corporation
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com