Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA126EA/250 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA126EA/250
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126EA/250 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA126EA/250 Datasheet HTML 8Page - Texas Instruments INA126EA/250 Datasheet HTML 9Page - Texas Instruments INA126EA/250 Datasheet HTML 10Page - Texas Instruments INA126EA/250 Datasheet HTML 11Page - Texas Instruments INA126EA/250 Datasheet HTML 12Page - Texas Instruments INA126EA/250 Datasheet HTML 13Page - Texas Instruments INA126EA/250 Datasheet HTML 14Page - Texas Instruments INA126EA/250 Datasheet HTML 15Page - Texas Instruments INA126EA/250 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
7 Detailed Description
7.1 Overview
The INAx126 use only two, rather than three, operational amplifiers, providing savings in power consumption.
In addition, the input resistance is high and balanced, thus permitting the signal source to have an unbalanced
output impedance.
A minimum circuit gain of 5 permits an adequate dc common-mode input range, as well as sufficient bandwidth
for most applications.
7.2 Functional Block Diagram
+
+
REF
–IN
+IN
OUT
RG (Optional)
7.3 Feature Description
The INAx126 are low-power, general-purpose instrumentation amplifiers offering excellent accuracy. The
versatile two-operational-amplifier design and small size make the amplifiers an excellent choice for a wide
range of applications. The two-op-amp topology reduces power consumption. A single external resistor sets any
gain from 5 to 10,000. These devices operate with power supplies as low as ±1.35 V, and a quiescent current of
200 μA maximum.
7.4 Device Functional Modes
7.4.1 Single-Supply Operation
The INAx126 can be used on single power supplies from 2.7 V to 36 V. Use the output REF pin to level shift
the internal output voltage into a linear operating condition. Ideally, connect the REF pin to a potential that is
midsupply to avoid saturating the output of the amplifiers. See Section 8.1 for information on how to adequately
drive the reference pin.
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com