Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA126EA/2K5 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA126EA/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126EA/2K5 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA126EA/2K5 Datasheet HTML 12Page - Texas Instruments INA126EA/2K5 Datasheet HTML 13Page - Texas Instruments INA126EA/2K5 Datasheet HTML 14Page - Texas Instruments INA126EA/2K5 Datasheet HTML 15Page - Texas Instruments INA126EA/2K5 Datasheet HTML 16Page - Texas Instruments INA126EA/2K5 Datasheet HTML 17Page - Texas Instruments INA126EA/2K5 Datasheet HTML 18Page - Texas Instruments INA126EA/2K5 Datasheet HTML 19Page - Texas Instruments INA126EA/2K5 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
8.2.2.5 Input Protection
The inputs are protected with internal diodes connected to the power-supply rails. These diodes clamp the
applied signal to prevent the signal from exceeding the power supplies by more than approximately 0.7 V. If the
signal-source voltage can exceed the power supplies, the source current should be limited to less than 10 mA.
This limiting can generally be done with a series resistor. Some signal sources are inherently current-limited, and
do not require limiting resistors.
8.2.2.6 Channel Crosstalk—Dual Version
The two channels of the INA2126 are completely independent, including all bias circuitry. At dc and low
frequency, there is virtually no signal coupling between channels. Crosstalk increases with frequency and
depends on circuit gain, source impedance, and signal characteristics.
As source impedance increases, careful circuit layout can help achieve lowest channel crosstalk. Most crosstalk
is produced by capacitive coupling of signals from one channel to the input section of the other channel. To
minimize coupling, separate the input traces as far as practical from any signals associated with the opposite
channel. A grounded guard trace surrounding the inputs helps reduce stray coupling between channels.
Carefully balance the stray capacitance of each input to ground, and run the differential inputs of each channel
parallel to each other, or directly adjacent on top and bottom side of a circuit board. Stray coupling then tends to
produce a common-mode signal that is rejected by the IA input.
8.2.3 Application Curves
Differential signal is too small to be seen
Figure 8-4. Common-mode Signal at INA126 Input
space
Figure 8-5. FFT of Signal in Previous Figure Shows
Both the 60-Hz Common-mode Along With 5-kHz
Differential Signal
Figure 8-6. Recovered Differential Signal at the
Output of the INA126 With a Gain of 250
Figure 8-7. FFT of the INA126 Output Shows that
the 60-Hz Common-mode Signal is Rejected
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com