Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358APWR Datasheet(PDF) 30 Page - Texas Instruments

Part # LM358APWR
Description  Industry-Standard Dual Operational Amplifiers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM358APWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM358APWR Datasheet HTML 26Page - Texas Instruments LM358APWR Datasheet HTML 27Page - Texas Instruments LM358APWR Datasheet HTML 28Page - Texas Instruments LM358APWR Datasheet HTML 29Page - Texas Instruments LM358APWR Datasheet HTML 30Page - Texas Instruments LM358APWR Datasheet HTML 31Page - Texas Instruments LM358APWR Datasheet HTML 32Page - Texas Instruments LM358APWR Datasheet HTML 33Page - Texas Instruments LM358APWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
9 Device and Documentation Support
9.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.3 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision AA (March 2022) to Revision AB (October 2024)
Page
• Changed Device Information table to Package Information .............................................................................. 1
• Changed the polarity of the LM358B and LM358BA input bias current value from ± to – in the Electrical
Characteristics section........................................................................................................................................6
• Changed the polarity of the LM2904B and LM2904BA input bias current value from ± to – in the Electrical
Characteristics section........................................................................................................................................8
Changes from Revision Z (July 2021) to Revision AA (March 2022)
Page
• Added LM358BA and LM2904BA to the Device Information table.....................................................................1
• Added Family Comparison table to the Description section ..............................................................................1
• Raised ESD (CDM) for B-versions and BA-versions from 1 kV to 1.5 kV in the ESD Ratings table .................4
• Changed Input Offset Voltage Max of LM2904BA from TA = -40℃ to +125℃ from ±2.5 mV to ±3.0 mV..........8
Changes from Revision Y (February 2021) to Revision Z (July 2021)
Page
• Deleted preview tag from LM358B and LM2904B SOT-23 (8) package in Device Information table.................1
• Updated DDF (SOT-23) package thermal information in the Thermal Information table....................................5
• Deleted Related Links from the Device and Documentation Support section.................................................. 30
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AB – JUNE 1976 – REVISED OCTOBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com