Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358BAIDDFRG4.A Datasheet(PDF) 48 Page - Texas Instruments

Part # LM358BAIDDFRG4.A
Description  Industry-Standard Dual Operational Amplifiers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM358BAIDDFRG4.A Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM358BAIDDFRG4.A Datasheet HTML 44Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 45Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 46Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 47Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 48Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 49Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 50Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 51Page - Texas Instruments LM358BAIDDFRG4.A Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Sep-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-87710012A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-87710022A
FK
LCCC
20
55
506.98
12.06
2030
NA
LM158AFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
LM158AFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
LM158FKB
FK
LCCC
20
55
506.98
12.06
2030
NA
LM158FKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
LM258AP
P
PDIP
8
50
506
13.97
11230
4.32
LM258AP.A
P
PDIP
8
50
506
13.97
11230
4.32
LM258AP.B
P
PDIP
8
50
506
13.97
11230
4.32
LM258APE4
P
PDIP
8
50
506
13.97
11230
4.32
LM258APE4.A
P
PDIP
8
50
506
13.97
11230
4.32
LM258APE4.B
P
PDIP
8
50
506
13.97
11230
4.32
LM258P
P
PDIP
8
50
506.1
9
600
5.4
LM258P
P
PDIP
8
50
506
13.97
11230
4.32
LM258P.A
P
PDIP
8
50
506.1
9
600
5.4
LM258P.A
P
PDIP
8
50
506
13.97
11230
4.32
LM258P.B
P
PDIP
8
50
506.1
9
600
5.4
LM258P.B
P
PDIP
8
50
506
13.97
11230
4.32
LM258PE4
P
PDIP
8
50
506
13.97
11230
4.32
LM258PE4.B
P
PDIP
8
50
506
13.97
11230
4.32
LM2904P
P
PDIP
8
50
506
13.97
11230
4.32
LM2904P.A
P
PDIP
8
50
506
13.97
11230
4.32
LM2904P.B
P
PDIP
8
50
506
13.97
11230
4.32
LM2904PE4
P
PDIP
8
50
506
13.97
11230
4.32
LM2904PE4.A
P
PDIP
8
50
506
13.97
11230
4.32
LM2904PE4.B
P
PDIP
8
50
506
13.97
11230
4.32
LM358AP
P
PDIP
8
50
506
13.97
11230
4.32
LM358AP
P
PDIP
8
50
506
13.97
11230
4.32
LM358AP.B
P
PDIP
8
50
506
13.97
11230
4.32
Pack Materials-Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com