Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7385 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 3Page - STMicroelectronics TDA7385 Datasheet HTML 4Page - STMicroelectronics TDA7385 Datasheet HTML 5Page - STMicroelectronics TDA7385 Datasheet HTML 6Page - STMicroelectronics TDA7385 Datasheet HTML 7Page - STMicroelectronics TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TDA7385
Electrical specifications
Doc ID 8160 Rev 6
7/17
Figure 3.
Standard test and application circuit
eNo
Output noise
"A" Weighted
Bw = 20 Hz to 20 kHz
-
50
65
-
150
V
V
SVR
Supply voltage rejection
f = 100 Hz
50
65
-
dB
fcl
Low cut-off frequency
-
-
20
-
Hz
fch
High cut-off frequency
-
75
-
kHz
Ri
Input impedance
-
70
100
-
k
CT
Cross talk
f = 1 kHz
50
70
-
dB
ISB
Standby current
consumption
Vstandby =0 V
-
-
15
µA
VSB out
Standby out threshold
voltage
(Amp: on)
3.5
-
-
V
VSB IN
Standby in threshold voltage (Amp: off)
-
-
1.5
V
AM
Mute attenuation
VO = 1Vrms
80
90
-
dB
VM out
Mute out threshold voltage
(Amp: play)
3.5
-
-
V
VM in
Mute in threshold voltage
(Amp: mute)
-
-
1.5
V
Im (L)
Muting pin current
VMUTE = 1.5V (source current)
5
10
16
A
ICDOFF
Clipping detector "off" output
average current
THD = 1% (1)
-100
-
A
ICDON
Clipping detector "on" output
average current
THD = 10% (1)
100
240
350
A
1.
Diagnostics output pulled-up to 5 V with 10 k
 series resistor.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com