Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7478 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7478
Description  Single chip RDS demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7478 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7478 Datasheet HTML 3Page - STMicroelectronics TDA7478 Datasheet HTML 4Page - STMicroelectronics TDA7478 Datasheet HTML 5Page - STMicroelectronics TDA7478 Datasheet HTML 6Page - STMicroelectronics TDA7478 Datasheet HTML 7Page - STMicroelectronics TDA7478 Datasheet HTML 8Page - STMicroelectronics TDA7478 Datasheet HTML 9Page - STMicroelectronics TDA7478 Datasheet HTML 10Page - STMicroelectronics TDA7478 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Oscillator controls (FSEL, OSEL)
TDA7478
8/11
Doc 10679 Rev 4
4
Oscillator controls (FSEL, OSEL)
Two different crystal frequencies can be used. The adaption of the internal clock divider to
the external crystal is achieved via the input pin FSEL. See the following table for reference.
A special mode is introduced to reduce EMI. With pin OSEL connected to GND the internal
oscillator is switched off and an external sinusoidal frequency could be applied on OSCIN.
The peak to peak voltage of this signal can be reduced down to 60 mV.
In this mode the frequency selection via FSEL is still active.
Suggested values of C1 and C2 are shown in the following table.
Table 6.
Crystal frequencies
Crystal
FSEL (pin configuration)
4.332MHz
8.664MHz
connected to GND or open
connected to Vs
Table 7.
C1 and C2 suggested value
Crystal
C1
C2
4.332MHz
8.664MHz
27pF
27pF
47pF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com