Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7562 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7562_V01 Datasheet HTML 1Page - STMicroelectronics TDA7562_V01 Datasheet HTML 2Page - STMicroelectronics TDA7562_V01 Datasheet HTML 3Page - STMicroelectronics TDA7562_V01 Datasheet HTML 4Page - STMicroelectronics TDA7562_V01 Datasheet HTML 5Page - STMicroelectronics TDA7562_V01 Datasheet HTML 6Page - STMicroelectronics TDA7562_V01 Datasheet HTML 7Page - STMicroelectronics TDA7562_V01 Datasheet HTML 8Page - STMicroelectronics TDA7562_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
TDA7562
September 2013
■ DMOS POWER OUTPUT
■ HIGH OUTPUT POWER CAPABILITY 4x25W/
4
 @ 14.4V, 1KHZ, 10% THD, 4x35W EIAJ
■ MAX. OUTPUT POWER 4x60W/2
■ FULL I
2C BUS DRIVING:
–ST-BY
– INDEPENDENT FRONT/REAR SOFT PLAY/
MUTE
– SELECTABLE GAIN 30dB - 16dB (FOR
LOW NOISE LINE OUTPUT FUNCTION)
–I2C BUS DIGITAL DIAGNOSTICS
■ FULL FAULT PROTECTION
■ DC OFFSET DETECTION
■ FOUR INDEPENDENT SHORT CIRCUIT
PROTECTION
■ CLIPPING DETECTOR PIN WITH
SELECTABLE THRESHOLD (2%/10%)
■ ST-BY/MUTE PIN
■ ESD PROTECTION
DESCRIPTION
The TDA7562 is a new BCD technology Quad
Bridge type of car radio amplifier in Flexiwatt27V
package specially intended for car radio applica-
tions. Thanks to the DMOS output stage the
TDA7562 has a very low distortion allowing a clear
powerful sound. This device is equipped with a full
diagnostics array that communicates the status of
each speaker through the I2C bus.The possibility
to control the configuration and the behaviour of
the device by means of the I2C bus makes
TDA7562 a very flexible machine.
FLEXIWATT27 (Vertical)
MULTIFUNCTION QUAD POWER AMPLIFIER
WITH BUILT-IN DIAGNOSTICS FEATURES
BLOCK DIAGRAM
Short Circuit
Protection &
Diagnostic
I2CBUS
Mute1 Mute2
Thermal
Protection
& Dump
Clip
Detector
IN LF
IN RR
IN RF
IN LR
VCC1
VCC2
CD_OUT
OUT RF+
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
16/30dB
Reference
CLK DATA
SVR
AC_GND
TAB
S_GND
PW_GND
F
F
R
R
RF RR
LF LR
ST-BY/MUTE
16/30dB
16/30dB
16/30dB
MULTIPOWER BCD TECHNOLOGY
MOSFET OUTPUT POWER STAGE


Similar Part No. - TDA7562_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
TDA7562B STMICROELECTRONICS-TDA7562B_V01 Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
More results

Similar Description - TDA7562_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com