Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7564B Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 8Page - STMicroelectronics TDA7564B Datasheet HTML 9Page - STMicroelectronics TDA7564B Datasheet HTML 10Page - STMicroelectronics TDA7564B Datasheet HTML 11Page - STMicroelectronics TDA7564B Datasheet HTML 12Page - STMicroelectronics TDA7564B Datasheet HTML 13Page - STMicroelectronics TDA7564B Datasheet HTML 14Page - STMicroelectronics TDA7564B Datasheet HTML 15Page - STMicroelectronics TDA7564B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical specifications
TDA7564B
12/34
Doc ID 12734 Rev 4
Figure 9.
Distortion vs. output power (4
, HI-
EFF)
Figure 10. Distortion vs. output power (2
,
STD)
Figure 11. Distortion vs. frequency (4
)
Figure 12. Distortion vs. frequency (2
)
Figure 13. Crosstalk vs. frequency
Figure 14. Supply voltage rejection vs. freq.
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD (%)
f = 10 KHz
f = 1 KHz
HI-EFF MODE
Vs = 14.4 V
RL = 4 Ohm
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
f = 1 KHz
STANDARD MODE
Vs = 14.4 V
RL = 2 Ohm
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
10
100
1000
10000
f (Hz)
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 2 Ohm
Po = 8 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
STANDARD MODE
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
STD & HE MODE
Rg = 600 Ohm
Vripple = 1 Vpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com