Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7564BPD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7564BPD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7564BPD Datasheet HTML 6Page - STMicroelectronics TDA7564BPD Datasheet HTML 7Page - STMicroelectronics TDA7564BPD Datasheet HTML 8Page - STMicroelectronics TDA7564BPD Datasheet HTML 9Page - STMicroelectronics TDA7564BPD Datasheet HTML 10Page - STMicroelectronics TDA7564BPD Datasheet HTML 11Page - STMicroelectronics TDA7564BPD Datasheet HTML 12Page - STMicroelectronics TDA7564BPD Datasheet HTML 13Page - STMicroelectronics TDA7564BPD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
TDA7564B
10/34
Doc ID 12734 Rev 4
Turn on diagnostics 1 (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output is
considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
0.5
Lop
Open load det.
85
-
-
Lnop
Normal load det.
1.5
-
45
Turn on diagnostics 2 (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
-
-
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
-
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output is
considered without faults).
-
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
-
2
Lop
Open load det.
-
330
-
-
Lnop
Normal load det.
-
7
-
180
Permanent diagnostics 2 (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in mute or play,
one or more short circuits
protection activated
--
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(within these limits, the output is
considered without faults).
1.8
-
Vs -1.8
V
LSC
Shorted load det.
Pow. amp. mode
-
-
0.5
Line driver mode
-
-
2
VO
Offset detection
Power amplifier in play,
AC Input signals = 0
±1.5
±2
±2.5
V
INLH
Normal load current detection
VO < (VS - 5)pk IB2 (D7) = 0
500
-
-
mA
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com