Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM13700M/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM13700M/NOPB
Description  LM13700 Dual Operational Transconductance Amplifiers With Linearizing Diodes and Buffers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM13700M/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM13700M/NOPB Datasheet HTML 17Page - Texas Instruments LM13700M/NOPB Datasheet HTML 18Page - Texas Instruments LM13700M/NOPB Datasheet HTML 19Page - Texas Instruments LM13700M/NOPB Datasheet HTML 20Page - Texas Instruments LM13700M/NOPB Datasheet HTML 21Page - Texas Instruments LM13700M/NOPB Datasheet HTML 22Page - Texas Instruments LM13700M/NOPB Datasheet HTML 23Page - Texas Instruments LM13700M/NOPB Datasheet HTML 24Page - Texas Instruments LM13700M/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LM13700
www.ti.com
SNOSBW2F – NOVEMBER 1999 – REVISED NOVEMBER 2015
System Examples (continued)
Figure 37. Zero Stand-By Power Timer
The operation of the multiplexer of Figure 38 is very straightforward. When A1 is turned on it holds VO equal to
VIN1 and when A2 is supplied with bias current then it controls VO. CC and RC serve to stabilize the unity-gain
configuration of amplifiers A1 and A2. The maximum clock rate is limited to about 200 kHz by the LM13700 slew
rate into 150 pF when the (VIN1–VIN2) differential is at its maximum allowable value of 5 V.
The Phase-Locked Loop of Figure 39 uses the four-quadrant multiplier of Figure 24 and the VCO of Figure 36 to
produce a PLL with a ±5% hold-in range and an input sensitivity of about 300 mV.
Figure 38. Multiplexer
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM13700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com