Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2578AM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2578AM/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2578AM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2578AM/NOPB Datasheet HTML 8Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 9Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 10Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 11Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 12Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 13Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 14Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 15Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Figure 22. Maximum Duty Cycle Limiting
DUTY CYCLE ADJUSTMENT
When manual or mechanical selection of the output transistor's duty cycle is needed, the cirucit shown below
may be used. The output will turn on with the beginning of each oscillator cycle and turn off when the current
sunk by R2 and R3 from the non-inverting terminal becomes greater than the current sunk from the inverting
terminal.
With the resistor values as shown, R3 can be used to adjust the duty cycle from 0% to 90%.
When the sum of R2 and R3 is twice the value of R1, the duty cycle will be about 50%. C1 may be a large
electrolytic capacitor to lower the oscillator frequency below 1 Hz.
Figure 23. Duty Cycle Adjustment
REMOTE SHUTDOWN
The LM2578A may be remotely shutdown by sinking a greater current from the non-inverting input than from the
inverting input. This may be accomplished by selecting resistor R3 to be approximately one-half the value of R1
and R2 in parallel.
Figure 24. Shutdown Occurs when VL is High
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com