Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3914V/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3914V/NOPB
Description  LM3914 Dot/Bar Display Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3914V/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3914V/NOPB Datasheet HTML 9Page - Texas Instruments LM3914V/NOPB Datasheet HTML 10Page - Texas Instruments LM3914V/NOPB Datasheet HTML 11Page - Texas Instruments LM3914V/NOPB Datasheet HTML 12Page - Texas Instruments LM3914V/NOPB Datasheet HTML 13Page - Texas Instruments LM3914V/NOPB Datasheet HTML 14Page - Texas Instruments LM3914V/NOPB Datasheet HTML 15Page - Texas Instruments LM3914V/NOPB Datasheet HTML 16Page - Texas Instruments LM3914V/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM3914
www.ti.com
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
*This application illustrates that the LED supply needs practically no filtering
Calibration: With a precision meter between pins 4 and 6 adjust R1 for voltage VD of 1.20V. Apply 4.94V to pin 5,
and adjust R4 until LED No. 5 just lights. The adjustments are non-interacting.
Figure 17. Expanded Scale Meter, Dot or Bar
Table 1. Application Example: Grading 5V Regulators
Highest No.
Color
VOUT(MIN)
LED on
10
Red
5.54
9
Red
5.42
8
Yellow
5.30
7
Green
5.18
6
Green
5.06
5V
5
Green
4.94
4
Green
4.82
3
Yellow
4.7
2
Red
4.58
1
Red
4.46
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com