Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5175PWPR.A Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5175PWPR.A
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5175PWPR.A Datasheet HTML 3Page - Texas Instruments LM5175PWPR.A Datasheet HTML 4Page - Texas Instruments LM5175PWPR.A Datasheet HTML 5Page - Texas Instruments LM5175PWPR.A Datasheet HTML 6Page - Texas Instruments LM5175PWPR.A Datasheet HTML 7Page - Texas Instruments LM5175PWPR.A Datasheet HTML 8Page - Texas Instruments LM5175PWPR.A Datasheet HTML 9Page - Texas Instruments LM5175PWPR.A Datasheet HTML 10Page - Texas Instruments LM5175PWPR.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
DITHER
IDITHER
Dither source/sink current
10.5
µA
VDITHER
Dither high threshold
1.27
V
Dither low threshold
1.16
SYNC
VSYNC
Sync input high threshold
2.1
V
Sync input low threshold
1.2
PWSYNC
Sync input pulse width
75
500
ns
CURRENT LIMIT
VCS(BUCK)
Buck current limit threshold (Valley)
VIN = VVISNS = 24 V, VVOSNS = 12 V,
VSLOPE = 0 V, TJ = 25°C
53.2
76
98
mV
VCS(BOOST)
Boost current limit threshold (Peak)
VIN = VVISNS = 12 V, VVOSNS = 18 V,
VSLOPE = 0 V, TJ = 25°C
119
170
221
IBIAS(CS/CSG)
CS/CSG pin bias current
VCS = VCSG = 0 V
-75
µA
IOFFSET(CS/CS
G)
CSG pin bias current
VCS = VCSG = 0 V
14
CONSTANT CURRENT LOOP
VSNS
Average current loop regulation target
VISNS(-) = 24 V, sweep ISNS(+), VSS =
0.8 V
43
50
57
mV
ISNS
ISNS(+)/ISNS(–) pin bias currents
VISNS(+) = VISNS(–) = VIN = 24 V
7
µA
Gm
gm of soft-start pull down amplifier
VISNS(+)–VISNS(–) = 55 mV, VSS = 0.5
V
1
mS
SLOPE
ISLOPE
Buck adaptive slope current
VIN = VVINSNS = 24 V, VVOSNS = 12 V,
VSLOPE = 0 V
24
30
35
µA
Boost adaptive slope current
VIN = VVINSNS = 12 V, VVOSNS = 18 V,
VSLOPE = 0 V
13
17
21
gmSLOPE
Slope compensation amplifier gm
2
µS
MODE
IMODE
Source current out of MODE pin
17
20
23
µA
VDCM_HIC
DCM with hiccup threshold
0.60
0.7
0.76
V
VCCM_HIC
CCM with hiccup threshold
1.18
1.28
1.38
VCCM
CCM no hiccup threshold
2.22
2.4
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com