Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CMX/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC660CMX/NOPB.B
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CMX/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LMC660CMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC660CMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Differential input voltage
±Supply Voltage
V
Supply voltage, VS = (V+) –
(V–)
Single supply
0
16
V
Dual supply
±8
Signal input pins
Voltage
(V–) – 0.3
(V+) + 0.3
V
Current
±5
mA
Output pin current
±18
mA
Output short circuit
To V+
See(3)
To V–
See(4)
Power supply pin
Current
35
mA
Power dissipation
See(5)
Temperature
Operating, TA
–40
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
Lead (soldering, 10 sec.)
260
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Do not connect output to V+ when V+ is greater than 13V or reliability will be adversely affected.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result
in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(5)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) – TA) / θJA
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
Single supply
4.75
15.5
V
Dual supply
±2.375
±7.75
Temperature range, TJ
LMC66xAI
–40
85
°C
LMC66xC
0
70
Power dissipation
See(1)
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance θJA with PD = (TJ – TA) / θJA.
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com