Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6502MA/NOPB.A Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6502MA/NOPB.A
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MA/NOPB.A Datasheet(HTML) 2 Page - Texas Instruments

  LMH6502MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
-80
-70
-60
-50
-40
-30
-10
0
20
30
VG (V)
10
-20
0
2
4
8
10
6
-40°C
25°C
85°C
-40°C
25°C
85°C
dB
V/V
VIN_DIFF = ±0.1V
+VIN
+5V
VG
R1
50:
R2
50:
RG
170:
RF
1k:
RL
100:
6
5
4
3
12
10
9
11
-VIN
LMH6502
1
14
8 7
2
VOUT
-5V
13
NC
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Gain vs. VG for Various Temperature
Figure 2. AVMAX = 10V/V
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3):
Human Body
2KV
Machine Model
200V
Input Current
±10mA
VIN Differential
±(V+ -V−)
Output Current
120mA(4)
Supply Voltages (V+ - V−)
12.6V
Voltage at Input/ Output pins
V+ +0.8V,V− - 0.8V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Soldering Information:
Infrared or Convection (20 sec)
235°C
Wave Soldering (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specific specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower.
Operating Ratings
(1)
Supply Voltages (V+ - V−)
5V to 12V
Temperature Range
−40°C to +85°C
(
θJC)
45°C/W
14-Pin SOIC
(
θJA)
138°C/W
Thermal Resistance:
(
θJC)
51°C/W
14-Pin TSSOP
(
θJA)
160°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specific specifications, see the Electrical
Characteristics tables.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com