Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6502MT/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMH6502MT/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MT/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH6502MT/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 18Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 19Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 20Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 21Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 22Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 23Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
OPERATING AT LOWER SUPPLY VOLTAGES
The LMH6502 is rated for operation down to 5V supplies (V+ -V−). There are some specifications shown for
operation at ±2.5V within the data sheet (i.e. Frequency Response, CMRR, PSRR, Gain vs. VG, etc.). Compared
to ±5V operation, at lower supplies:
a)
VG range shifts lower.
Here are the approximate expressions for various VG voltages as a function of V
+:
Table 1. VG Definition Based on V
+
VG
Definition
Expression (V)
VG_MIN
Gain Cut-off
0.2 × V+
−1
VG_MID
AVMAX/2
0.2 × V+
VG_MAX
AVMAX
0.2 × V+ +1
b)
VG_LIMIT (maximum permissible voltage on VG) is reduced. This is due to limitations within the device
arising from transistor headroom. Beyond this limit, device performance will be affected (non-destructive).
This could reveal itself as premature high frequency response roll-off. With ±2.5V supplies, VG_LIMIT is
below 1.1V whereas VG = 1.5V is needed to get maximum gain. This means that operating under these
conditions has reduced the maximum permissible voltage on VG to a level below what is needed to get
Max gain. If supply voltages are asymmetrical with V+ being lower, further "pinching" of VG range could
result; for example, with V+ = 2V, and V− =
−3V, VG_LIMIT = 0.40V which results in maximum gain being
2.5dB less than what would be expected when VS is higher.
c)
"Max_gain" reduces. There is an intrinsic reduction in max gain when the total supply voltage is reduced
(see Typical Performance Characteristics plots for Gain vs. VG (VS = ±2.5V). In addition, there is the more
drastic mechanism described in "b" above. Beyond VG_LIMIT, high frequency response is also effected.
Application Circuits
AGC LOOP
Figure 63 shows a typical AGC circuit. The LMH6502 is followed up with a LMH6714 for higher overall gain. The
output of the LMH6714 is rectified and fed to an inverting integrator using a LMH6657 (wideband voltage
feedback op amp). When the output voltage, VOUT, is too large the integrator output voltage ramps down
reducing the net gain of the LMH6502 and VOUT. If the output voltage is too small, the integrator ramps up
increasing the net gain and the output voltage. Actual output level is set with R1. To prevent shifts in DC output
voltage with DC changes in input signal level, trim pot R2 is provided. AGC circuits are always limited in the
range of input signals over which constant output level can be maintained. In this circuit, we would expect that
reasonable AGC action could be maintained for at least 40dB. In practice, rectifier dynamic range limits reduce
this slightly.
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com