Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6484AIM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMC6484AIM/NOPB
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6484AIM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
5.6 Electrical Characteristics: VS = 5V (continued)
at TJ = +25°C, V+ = 5V, V– = 0V, VCM = VOUT = V+ / 2, and RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AV
Large-signal voltage
gain
LMC648xAI
sourcing, RL = 2kΩ to 7.5V,
V+ = 15V, 7.5V ≤ VO ≤ 11.5V
140
666
V/mV
TA = –40°C to +85°C
84
LMC648xI
sourcing, RL = 2kΩ to 7.5V,
V+ = 15V, 7.5V ≤ VO ≤ 11.5V
120
666
TA = –40°C to +85°C
72
LMC648xAI
sinking, RL = 2kΩ to 7.5V,
V+ = 15V, 3.5V ≤ VO ≤ 7.5V
35
75
TA = –40°C to +85°C
20
LMC648xI
sinking, RL = 2kΩ to 7.5V,
V+ = 15V, 3.5V ≤ VO ≤ 7.5V
35
75
TA = –40°C to +85°C
20
LMC648xAI
sourcing, RL = 600Ω to 7.5V,
V+ = 15V, 7.5V ≤ VO ≤ 11.5V
80
300
TA = –40°C to +85°C
48
LMC648xI
sourcing, RL = 600Ω to 7.5V,
V+ = 15V, 7.5V ≤ VO ≤ 11.5V
50
300
TA = –40°C to +85°C
30
LMC648xAI
sinking, RL = 600Ω to 7.5V,
V+ = 15V, 3.5V ≤ VO ≤ 7.5V
20
35
TA = –40°C to +85°C
13
LMC648xI
sinking, RL = 600Ω to 7.5V,
V+ = 15V, 3.5V ≤ VO ≤ 7.5V
15
35
TA = –40°C to +85°C
10
VO
Voltage output swing
V+ = 5V, RL = 2kΩ to V+ / 2
Swing high
4.8
4.9
V
Swing high,
TA = –40°C to +85°C
4.7
Swing low
0.1
0.18
Swing low,
TA = –40°C to +85°C
0.24
V+ = 5V, RL = 600Ω to V+ / 2
Swing high
4.5
4.7
Swing high,
TA = –40°C to +85°C
4.24
Swing low
0.3
0.5
Swing low,
TA = –40°C to +85°C
0.65
V+ = 15V, RL = 2kΩ to V+ / 2
Swing high
14.4
14.7
Swing high,
TA = –40°C to +85°C
14.2
Swing low
0.16
0.32
Swing low,
TA = –40°C to +85°C
0.45
V+ = 15V, RL = 600Ω to V+ / 2
Swing high
13.4
14.1
Swing high,
TA = –40°C to +85°C
13
Swing low
0.5
1
Swing low,
TA = –40°C to +85°C
1.3
ISC
Output short-circuit
current
V+ = 5V, sourcing, VO = 0V
16
20
mA
TA = –40°C to +85°C
12
V+ = 5V, sinking, VO = 5V
11
15
TA = –40°C to +85°C
9.5
V+ = 15V, sourcing, VO = 0V
28
30
TA = –40°C to +85°C
22
V+ = 15V, sinking, VO = 12V(1)
30
30
TA = –40°C to +85°C
24
www.ti.com
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com