Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30X Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 3 Page - STMicroelectronics

  SPC560D30X_V01 Datasheet HTML 1Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 2Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 3Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 4Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 5Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 6Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 7Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 8Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
DS6494 Rev 8
3/82
SPC560D30x, SPC560D40x
Contents
3
4.9
Power management electrical characteristics . . . . . . . . . . . . . . . . . . . . . 40
4.9.1
Voltage regulator electrical characteristics . . . . . . . . . . . . . . . . . . . . . . 40
4.9.2
Low voltage detector electrical characteristics . . . . . . . . . . . . . . . . . . . 43
4.10
Power consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
4.11
Flash memory electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.11.1
Program/Erase characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.11.2
Flash power supply DC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 47
4.11.3
Start-up/Switch-off timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
4.12
Electromagnetic compatibility (EMC) characteristics . . . . . . . . . . . . . . . . 48
4.12.1
Designing hardened software to avoid noise problems . . . . . . . . . . . . . 48
4.12.2
Electromagnetic interference (EMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
4.12.3
Absolute maximum ratings (electrical sensitivity) . . . . . . . . . . . . . . . . . 49
4.13
Fast external crystal oscillator (4 to 16 MHz) electrical characteristics . . 50
4.14
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
4.15
Fast internal RC oscillator (16 MHz) electrical characteristics . . . . . . . . . 54
4.16
Slow internal RC oscillator (128 kHz) electrical characteristics . . . . . . . . 54
4.17
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
4.17.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
4.17.2
Input impedance and ADC accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
4.17.3
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
4.18
On-chip peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
4.18.1
Current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
4.18.2
DSPI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
4.18.3
JTAG characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
5
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
5.1
ECOPACK® . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
5.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
5.2.1
LQFP100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
5.2.2
LQFP64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Appendix A Acronyms and abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com