Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M64L7 Datasheet(PDF) 126 Page - STMicroelectronics

Part # SPC563M64L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 120Page - STMicroelectronics SPC563M64L7 Datasheet HTML 121Page - STMicroelectronics SPC563M64L7 Datasheet HTML 122Page - STMicroelectronics SPC563M64L7 Datasheet HTML 123Page - STMicroelectronics SPC563M64L7 Datasheet HTML 124Page - STMicroelectronics SPC563M64L7 Datasheet HTML 125Page - STMicroelectronics SPC563M64L7 Datasheet HTML 126Page - STMicroelectronics SPC563M64L7 Datasheet HTML 127Page - STMicroelectronics SPC563M64L7 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Revision history
SPC563M64x, SPC563M60x
126/128
DocID14642 Rev 12
04-Feb-2011
8
(cont.)
Deleted engineering names for pads in Power UP/DOWN Sequencing Section
Changed “sin_c” to DSPI_C_SIN” and “sck_c” to DSPI_C_SCK” on 144 pin LQFP
package.
Updated the “Electromagnetic Interference Characteristics” table to reflect new
parameter levels, test conditions.
In the “APC, RWSC, WWSC settings vs. frequency of operation” table, changed 82 MHz
entry for WWC from “11” to “01”, added an extra row for “All 111 111 11”
Replaced all of the mechanical drawings along with associated parameter tables.
Updated the ordering information.
In the “DC electrical specifications” table, changed RPUPDMATCH from +/- 1% to +/-
2.5%.
06-Jun-2012
9
In Section 4.6.1, Regulator example
– Updated Figure 4 “Core voltage regulator controller external components preferred
configuration” to show RC, RB, RE, CC, CB, CE, CD and CREG.
– Added Table 16 “Required external PMC component values”, Table 17 “Network 1
component values”, Table 18 “Network 2 component values” and Table 19 “Network 3
component values”.
Updated Table 2:
Number of eMIOS channels changed from ‘8’ to ‘16’ for SPC563M54P.
In Section 4.2, Maximum ratings, Table 9
–VFLASH maximum value changed from 3.6V to 5.5V and changed table note3 to:
“The VFLASH supply is connected to VDDEH”
– Removed table note 4, “Allowed 5.3 V for 10 hours cumulative time, remaining time at
3.3 V +10%”
In Section 4.12, eQADC electrical characteristics:
– Added note.
In Table 30, additional five parameters added (SNR, THD, SFDR, SINAD and ENOB) and
added footnotes # 9,10 and 11.
03-Oct-2012
10
Added RPNs SPC563M60L5P, SPC563M60L7P in the title and in Table 1
17-Sep-2013
11
Updated Disclaimer
30-Mar-2016
12
Replaced all instances of “SPC563M60L5P” with “SPC563M60L5”, “SPC563M60L7P”
with “SPC563M60L7”, and “SPC563M60P” with “SPC563M60”, respectively.
Removed all references of LQFP100 and LBGA208 packages.
Removed all references of “208 pin” and “208 ball”
In Table 2: SPC563Mxx family device summary, removed “SPC563M54P” column
In Section 2.2: SPC563Mxx features, removed bullet “For SPC563M54P: 12 blocks...”
and “For SPC563M54P: 48 KB...”
In Section 2.3.10: SRAM, updated bullet from “32 KB or 24 KB block...” to “32 KB block...”
Removed Section: “LQFP100 pinout”
Updated title of Figure 2: 144-pin LQFP pinout (top view)
Updated title of Section 3.2: LQFP176 pinout
Updated title of Figure 3: 176-pin LQFP pinout (top view)
Table 45. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com